Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD8835 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD8835
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD8835 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD8835_15 Datasheet HTML 1Page - Renesas Technology Corp PD8835_15 Datasheet HTML 2Page - Renesas Technology Corp PD8835_15 Datasheet HTML 3Page - Renesas Technology Corp PD8835_15 Datasheet HTML 4Page - Renesas Technology Corp PD8835_15 Datasheet HTML 5Page - Renesas Technology Corp PD8835_15 Datasheet HTML 6Page - Renesas Technology Corp PD8835_15 Datasheet HTML 7Page - Renesas Technology Corp PD8835_15 Datasheet HTML 8Page - Renesas Technology Corp PD8835_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MOS INTEGRATED CIRCUIT
μPD8835
7300 PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
DATA SHEET
Document No. S20220EJ1V0DS00 (1st edition)
Date Published February 2010 NS
Printed in Japan
2010
DESCRIPTION
The
μ PD8835 is a very high-speed color CCD (Charge Coupled Device) linear image sensor which changes optical
images to electrical signal and has the function of color separation. The
μ PD8835 has the high speed voltage amplifiers,
which have four outputs per color, and the high speed registers, so it is possible that the image of the high density is read at
very high speed. Therefore, it is suitable for very high-speed 600dpi/A3 color digital copiers, color scanners and so on, by
the package with heat sink that has high heat radiation.
FEATURES
• Valid photocell
: 7300 pixels
× RGB 3 lines
• Photocell’s size
: 10
μ m
• Line spacing
: 40
μ m (4 lines) Red line - Green line, Green line - Blue line
• Color filter
: Primary colors (Red, Green, and Blue), Pigment filter
Light resistance 107 lx hour with standard sunlight and ultraviolet cut filter (L40)
• Resolution
: 24 dot/mm A3 (297
× 420 mm) size (shorter side)
• Data rate
: 140 MHz/color max. (35 MHz/ch max.)
• Power supply
: +10 V and +5 V
• Drive clock level
: CMOS output under 5 V operation
• On-chip circuits
: Voltage amplifiers
Reset feed-through level clamp circuit
Clamp clock generation circuit
Sample and Hold circuit
Sample and Hold clock generation circuit
• Output type
: 4 outputs / color, Front & Rear separate type
Sample and Hold mode only
ORDERING INFORMATION
Part Number
Package
μ PD8835CU-A
CCD linear image sensor 56-pin plastic DIP with heat sink (15.24 mm (600)), 1.778 mm pitch
Remark
"-A" indicates Pb-free (This product does not contain Pb in external electrode and other parts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com