Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN628 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 5Page - STMicroelectronics AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics AN628 Datasheet HTML 10Page - STMicroelectronics AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
AN628 APPLICATION NOTE
Because, in worst condition is:
and the total variation of vca (the reference signal for PWM) is Vsrp:
Multiplying this Gavg by Gca and solving for the crossover frequency (f = fc), follows:
To ensure a phase margin (higher than 45°), the zero frequency (fz) should be about
, than:
v
rs
R
s
V
O
⋅
sL
⋅
-------------------
=
G
avg
R
s
V
O
⋅
V
srp
2
π fL
⋅⋅ ⋅
-------------------------------------
=
f
c
f
sw
2
π
--------
=
f
c
2
----
f
z
f
sw
4
π
⋅
-----------
1
2
π C
f
R
f
⋅⋅
⋅
-------------------------------
C
f
⇒
2
R
f
f
sw
⋅
------------------
==
=
Figure 11.
Pin 6. LFF (Load feed-forward input). This voltage in-
put pin allows to modify the multiplier output current
proportionally to the load in order to improve the re-
sponse time versus load transient. The control is
working with VLFF between 1.5V and 5.1V. If this
function is not used, the LFF pin has to be connected
to VREF pin.See also appendix A.
Pin 7. VRMS. Input to the divider (1/V2RMS), it is es-
pecially useful in universal mains applications to
compensate the gain variation related to the input
voltage change. It will be connected to an external
network (see fig. 12a) giving a voltage level propor-
tional to the mains VRMS. The best control is reached
using a VRMS voltage level in the range between 1.5V
and 5.5V.
Figure 12a.
To avoid line current distorsion, the rectified mains
ripple (2f) level has to be reduced. A two pole filter,
with three resistors and two capacitors, setting the
lowest pole at 2Hz and the highest one at 13Hz, is
enough to get the useful voltage level reducing to -
80dB the 100Hz gain.
Figure 12b.
The signal (pin 7), with the network in fig. 12a is:
10
100
1000
10000
100000
-60
-40
-20
0
20
40
60
80
100
f [Hz]
Gain [dB]
Gloop
Gca
Gavg
~
7
VRMS
RA
1/V2
CA
RB
CB
RC
D94IN064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com