Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN628 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 9Page - STMicroelectronics AN628 Datasheet HTML 10Page - STMicroelectronics AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
AN628 APPLICATION NOTE
This time (tSS) depends on the application parameters (output voltage, input voltage, output capacitor value,
boost inductor size, etc.) and normally the value amounts at some tens of msec.
Pin 13. VVA-OUT (Error amplifier output). Output of the E/A that determinates the control of the boosted regulated
voltage (VO). This pin has to be connected with a compensation network to the pin 14 (see fig.16).
Figure 16.
Figure 16a.
First of all, the system does not have to attempt to regulate the twice mains frequency output voltage ripple
(
∆VO) to avoid the line current distorsion. Moreover the system stability has to be ensured. The voltage open
loop gain can be splitt in two separated blocks.
The first block small signal gain, is given by the ratio between the E/A output voltage (vea) and output voltage
variation (vo) and is defined by the E/A network:
Where Gea` is the E/A gain without Rr ref. fig. 16. R2 has no effect on the error amplifier gain because the in-
verting input potential is fixed to VREF. The Gea can be seen also as the ratio between the error amplifier output
ripple and the imposed output voltage ripple (
∆VO). The E/A output signal can swing between 1.28V to 5.1V. A
value less than 2.5% of the effective E/A output swing voltage (VVAOUT = 3.82V) could be chosen to fix the Cr.
So, the Gea defined at the output voltage ripple frequency, determinates the Cr value to ensure the 100/120 Hz
(2f) attenuation.
where: Ka = 1/60 for 50Hz and 1/72 for 60Hz mains frequency.
Lower Cr value could increase harmonic distortion.The second block (Power block) is represented by the output
filter capacitor (CO) with its own reactance (XCO), the system has to be able to compensate the total external
load variation through the E/A output response (
∆Vea). The power gain transfer function (Gpw), for large varia-
tions can be written:
The total load variation (IO) to be considered is: PO(max)/VO:
Gea'
vea
vo
----------
1
sR1 C
r
⋅⋅
--------------------------
==
Gea
0.095V
V
O
∆
-------------------
≤
C
r
1
2
π 2f R1 Gea
⋅⋅
⋅
⋅
--------------------------------------------------
Ka
V
O
∆
R1
-----------
⋅
≥
=
G
pw
I
O
X
CO
V
ea
∆
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com