Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN628 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
AN628 APPLICATION NOTE
An auxiliary winding can be used just to get a low cost supply for the I.C. It will be a low cost thin wire coil will
be used and the number of turns is the only parameter to define.
Input Bridge
The input diodes bridge can be standard off-line, slow-recovery and low cost devices. The device selection con-
siders just the input current (Irms) and the thermal data.
Input Capacitor
The input filter capacitor (CIN) has to sustain the input instantaneous voltage (VIt), with an imposed voltage rip-
ple, during the turn-on (ton) time of the Mosfet.
The worst conditions will be found at the minimum rated input voltage VIrms(min).
The maximum high frequency voltage ripple (r =
∆VI / VI) has to be imposed:
Where: Kr is the current ripple coefficient.
r = 0.02 to 0.08.
The CIN maximum value is limited to avoid current distortion.
Output Bulk Capacitor
The choice of the output bulk capacitor (CO), mainly depends on the electrical parameters that affect the filter
performances and also on the subsequent application.
The D.C. output voltage and overvoltage, the output power and voltage ripple are the first parameters to con-
sider in all applications. The RMS capacitor ripple current IC(2f)rms = Io/
and so, the output voltage ripple
(
∆VO) will be:
With a low ESR capacitor can be simplify:
.
Although the ESR, normally does not affect the output ripple parameter, it has to be considered in power losses
account both for the rectified mains frequency and the switching frequency.
If the application (i.e. computer supply) has to guarantee a specified Hold-Up time (tHOLD), the capacitance size-
ing criteria will change:
The CO has to deliver the supply energy for a certain time and a specific dropout voltage.
where:
VO_min = minimum output voltage value (normally at the maximum load conditions)
C
IN
K
r
I
rms
2
π f
sw
rV
lrms
⋅⋅
⋅ ⋅
-------------------------------------------------
≥
2
V
O
∆
I
O
1
2
π 2f C
O
⋅⋅
()
2
-------------------------------------
ESR
()
2
+
=
C
O
I
O
2
π 2f
V
O
∆
⋅⋅
---------------------------------
+
P
O
2
π 2f
V
O
∆
V
O
⋅⋅
⋅
---------------------------------------------
=
C
O
2P
O tHOLD
⋅
V
O_min
2
V
op_min
2
–
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com