Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN937 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics AN937 Datasheet HTML 11Page - STMicroelectronics AN937 Datasheet HTML 12Page - STMicroelectronics AN937 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN937
Power supply, UVLO and voltage reference
Doc ID 5655 Rev 15
9/29
The following diagrams of Figure 13 and Figure 14 show the maximum allowed soft-start
capacitor as a function of the input voltage, inductor value and switching frequency. A
minimum value of the soft start capacitance is necessary to guarantee, in short circuit
condition, the functionality of the limiting current circuitry.
In fact, with a capacitor too small, the frequency of the current peaks (see Figure 11) is high
and the mean current value in short circuit increases.
Example: for a maximum input voltage of 55 V at 100 kHz, with an inductor of 260 mH, it is
possible to use a soft start capacitor lower than 470 µF. With such a value, the soft start time
(see Figure 19) of about 10 ms for an output voltage of 5 V.
Figure 12.
Maximum soft start capacitance with fsw = 100 kHz
Figure 13.
Maximum soft start capacitance with fsw = 200 kHz
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
400
L
(
μH)
D97IN745
680nF
fsw=100KHz
470nF
330nF
220nF
100nF
15
20
25
30
35
40
45
50 VCCmax(V)
0
100
200
300
L
(
μH)
56nF
fsw=200KHz
D97IN746
47nF
33nF
22nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com