Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN937 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 16Page - STMicroelectronics AN937 Datasheet HTML 17Page - STMicroelectronics AN937 Datasheet HTML 18Page - STMicroelectronics AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics AN937 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Typical application
AN937
20/29
Doc ID 5655 Rev 15
Figure 24.
Ideal inductor value requested for 30% ripple current, as a function of
max. input voltage and output (fSW=150 kHz)
Figure 25.
Ideal inductor value requested for 30% ripple current, as a function of
max. input voltage and output (fSW=200 kHz)
The 120 µH value of the selected inductor is useful to keep the current ripple below
0.3*ILOAD over the input / output voltage range operating at 200 kHz.
0
5
10
15
20
25
30
35
40
45
0
18
36
54
72
90
108
126
144
162
180
Vin = 15V
Vin = 20V
Vin = 25V
Vin = 30V
Vin = 35V
Vin = 40V
Vin = 45V
Vout
0
5
10
15
20
25
30
35
40
45
0
14
28
42
56
70
84
98
112
126
140
Vin = 15V
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com