Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN937 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 1 Page - STMicroelectronics

  AN937 Datasheet HTML 1Page - STMicroelectronics AN937 Datasheet HTML 2Page - STMicroelectronics AN937 Datasheet HTML 3Page - STMicroelectronics AN937 Datasheet HTML 4Page - STMicroelectronics AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
May 2011
Doc ID 5655 Rev 15
1/29
AN937
Application Note
Designing with L4971, 1.5 A high efficiency DC-DC converter
Introduction
The L4971 is a 1.5 A monolithic dc-dc converter, step- down, operating at fix frequency
continuous mode. It is designed in BCD60 II technology, and it is available in two plastic
packages, DIP8 and SO16L.
One direct fixed output voltage at 3.3 V ±1% is available, adjustable for higher output voltage
values, till 40 V, by an external voltage divider.
The operating input supply voltage ranges from 8 V to 55 V, while the absolute value, with no
load, is 60V. New internal design solutions and superior technology performance allow to
generate a device with improved efficiency in all the operating conditions and with reduced
EMI due to an innovative internal driving circuit, and reduced external component counts.
While internal limiting current and thermal shutdown are today considered standard
protection functions, mandatory for a safe load supply, oscillator with voltage feed forward
improves line regulation and overall control loop.
Soft-start avoids output over voltage at turn-on, while, shorting this pin to ground, the device
is completely disabled, going into zero consumption state.
Figure 1.
Demonstration board
www.st.com


Similar Part No. - AN937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
How to use the digital calibration feature
07-Oct-2011
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
The L4973 family is a 3.5 A monolithic DC-DC converter
29-Apr-2009
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
Designing Energy Meters with the PIC16F873A
2005
logo
List of Unclassifed Man...
AN93B06K ETC2-AN93B06K Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
More results

Similar Description - AN937

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
Dual 1.5 A, DC/DC Step-Down Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
Dual 1.5 A, DC/DC Step-Down Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
The SPV1020 is a monolithic DC-DC boost converter designed
09-May-2012
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
The L4973 family is a 3.5 A monolithic DC-DC converter
29-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com