Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1049 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 3Page - STMicroelectronics AN1049 Datasheet HTML 4Page - STMicroelectronics AN1049 Datasheet HTML 5Page - STMicroelectronics AN1049 Datasheet HTML 6Page - STMicroelectronics AN1049 Datasheet HTML 7Page - STMicroelectronics AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics AN1049 Datasheet HTML 10Page - STMicroelectronics AN1049 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
The inspection of equations (15)...(23) shows that also in MCM systems the effect of the offset Vo is the
same as in DCM systems. Furthermore, the internal thresholds VT1 and VT2 are such that a large range
of applications can be covered without any external adjustment.
Standby function setup
It is difficult to outline a general procedure
for the use of the L5991’s standby function
because the constraints of a specific design
may be of different types and are not known
in advance. It is possible, however, to pro-
vide some diagrams that summarize the
analysis previously carried out and that can
be used for reference.
In figure 5 the ratio PinSB/Pinmax is plotted
against the offset voltage on current sense
Vo, for different values of the parameter KM
defined as:
KM
=
Pinmax
PinTmin
(24).
In figure 6, the ratio PinNW/Pinmax is plotted
against the ratio fosc / fSB for the two ex-
treme values (0 and 200 mV) considered
for Vo.
The inspection of such diagrams shows a
large influence of Vo on PinSB, but a much
smaller influence on PinNW, which depends
mainly on the ratio fosc / fSB. If the values of
fosc and fSB are both already fixed, there is
little room for the adjustment of PinNW. This
is not usually a problem because there is no
harmful effect if the converter is operating
at fsw = fSB even when the load is not so
light (e.g. 40% of the maximum load or
even more).
This considering, one possible step-by-step
procedure could be the following:
1. Check whether the flyback is DCM or
MCM. To this end, from table (A1) pick
up the value of VEmin relevant to the
specification value and calculate IppkTmin:
IppkTmin
=
VEmin
ZE
=
VEmin
Lp
⋅ fosc
If the resulting value is greater than 1/Rs
then the system will be DCM, otherwise
MCM.
2. Calculate Pinmax. If the system is DCM
use the following equation:
Pinmax
=
1
2
⋅ Lp ⋅ 
1
Rs
2
⋅ fosc
(DCM)
otherwise use:
Pinmax
=
VEmin
Rs
−
VEmin
2
2
⋅ Lp ⋅ fosc
(MCM).
Vo [mV]
KM = 3
KM
≤ 1
KM = 2.5
KM = 2
KM = 1.5
PinSB
Pinmax
%
KM =
Pinmax
PinTmin
0
50
100
150
200
0
5
10
15
20
Figure 5. PinSB /Pinmax ratio vs. DC offset on current
sense.
2
2.5
3
3.5
4
4.5
5
10
20
30
40
50
Q(
)
,
,
01 z
Q(
)
,
,
0 1.5 z
Q(
)
,
,
02 z
Q(
)
,
,
0 2.5 z
Q(
)
,
,
03 z
z
KM = 3
KM
≤ 1
KM = 2.5
KM = 2
KM = 1.5
PinNW
Pinmax
%
fosc
fSB
Vo = 0
2
2.5
3
3.5
4
4.5
5
10
20
30
40
50
Q(
)
,
,
200 1 z
Q(
)
,
,
200 1.5 z
Q(
)
,
,
200 2 z
Q(
)
,
,
200 2.5 z
Q(
)
,
,
200 3 z
z
KM = 3
KM
≤ 1
KM = 2.5 KM = 2
KM = 1.5
fosc
fSB
Vo = 200 mV
PinNW
Pinmax
%
Figure 6. PinNW / Pinmax ratio vs. fosc / fSB ratio for 0
and 200 mV DC offset on current sense.
AN1049 APPLICATION NOTE
7/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com