Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1049 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1049 Datasheet HTML 1Page - STMicroelectronics AN1049 Datasheet HTML 2Page - STMicroelectronics AN1049 Datasheet HTML 3Page - STMicroelectronics AN1049 Datasheet HTML 4Page - STMicroelectronics AN1049 Datasheet HTML 5Page - STMicroelectronics AN1049 Datasheet HTML 6Page - STMicroelectronics AN1049 Datasheet HTML 7Page - STMicroelectronics AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
which gives the normal operating frequency, and:
fSB
≈
1
CT
⋅ (0.693 ⋅ RA + KT)
(2)
which gives the standby operating frequency, that is the one the converter will operate at when lightly
loaded. In the above expressions, RA // RB means:
RA ⁄
⁄ RB =
RA
⋅ RB
RA
+ RB
(3),
and KT, defined as:
KT
= 
90, V15
= VREF
160, V15
= GND/OPEN
(4)
is related to the duration of the falling-edge of the sawtooth. In case V15 is connected to VREF, how-
ever, the switching frequency will be a half the values resulting from (1) and (2).
Fig.3 shows also the comparator with hysteresis that recognizes the load condition of the converter. The
thresholds VT1 and VT2 are internally fixed at 2.5 V and 4 V respectively (typical values). With reference
to Fig. A1 in Appendix, the peak voltages on the current sense pin of the L5991 (ISEN, 13) relevant to
VT1 and VT2 are:
Vcspk1
=
VT1
− 2 ⋅ Vf
3
=
2.5
− 2 ⋅ 0.7
3
= 0.367V
(5)
Vcspk2
=
VT2
− 2 ⋅ Vf
3
=
4.0
− 2 ⋅ 0.7
3
= 0.867V
(6).
It is more convenient to refer to the thresholds Vcspk1 and Vcspk2 (rather than VT1 and VT2), because they
can be immediately related to the peak input current. Although having fixed thresholds may seem a lack
of flexibility, in reality it is possible to adjust the thresholds in terms of input power level, if needed, by
adding a DC offset voltage (VO) on the current sense pin.
Standby Operation Analysis
In this context, flyback converters are classified as stated in the appendix "Flyback Basics". Another as-
sumption is that the delay to output of the L5991 is compensated, thus the offset voltage Vo is intended
as the amount exceeding the value needed for compensation (see Appendix "Peak current mode control
Basics"). This analysis does not take other non-idealities into consideration, thus the results are approxi-
mate.
Please refer to the appendix for an explanation of symbols, terminology and formulas.
When VCOMP = VT1, that is on the boundary of the standby mode, the peak input current is equal to:
Ippk1
=
Vcspk1
− Vo
Rs
=
0.367
− Vo
Rs
(7),
corresponding to the standby input power which, under the assumption of DCM (Discontinuous Conduc-
tion Mode) operation, can be expressed as:
PinSB
=
1
2
⋅ Lp ⋅ fosc ⋅
0.367
− Vo
Rs
2
(8).
The standby power can be expressed also in terms of the maximum input power (Pinmax). This is set by
the sense resistor Rs, which is selected so as to limit the peak primary current at the value (Ippkmax) rele-
vant to Pinmax:
Rs
=
1
− Vo
Ippkmax
= (1 − Vo) ⋅
√
Lp
⋅ fosc
2
⋅ Pinmax
(9).
AN1049 APPLICATION NOTE
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com