Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1049 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1049 Datasheet HTML 1Page - STMicroelectronics AN1049 Datasheet HTML 2Page - STMicroelectronics AN1049 Datasheet HTML 3Page - STMicroelectronics AN1049 Datasheet HTML 4Page - STMicroelectronics AN1049 Datasheet HTML 5Page - STMicroelectronics AN1049 Datasheet HTML 6Page - STMicroelectronics AN1049 Datasheet HTML 7Page - STMicroelectronics AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
The L5991 can be used in off-line SMPS’ with any single-ended topology. However, its features make
the device particularly useful for power supplies based on flyback topology for office equipment that
must comply with standards concerning energy saving. Monitor displays, printers, photocopiers, scan-
ners and fax machines are the most noticeable examples.
Standby function description
The L5991 automatically detects a light load
condition for the converter and decreases the
oscillator frequency on that occurrence. The nor-
mal (higher) oscillation frequency is automat-
ically resumed when the output load builds up
and exceeds a defined threshold. This function-
ality is called "Standby function".
Like in every "peak" current mode controller, the
output voltage (VCOMP) of the Error Amplifier
(E/A) of the device moves depending on the
power drawn from the mains (see Appendix
"Peak Current Mode Control Basics"). The basic
principle of the Standby is then monitoring the
E/A output .
If the peak primary current decreases as a result of a decrease of the power demanded by the load
VCOMP will decrease as well. If this falls below a fixed threshold (VT1), the oscillator, which was working
at fosc, will be forced to work at a lower value (fSB). The frequency drop, however, implies a sudden in-
crease of the peak primary current and, therefore, of VCOMP. Some hysteresis will be necessary to pre-
vent the frequency from switching back to fosc. In fact, VCOMP will have to exceed a second threshold
(VT2 > VT1) in order for the oscillator frequency to be reset at fosc. The hysteresis (VT2-VT1) will be large
enough to prevent the above mentioned undesired phenomenon. This operation is shown in fig. 2.
Fig. 3 shows how the function is implemented internally. Only one pin (ST-BY, 16) is required and is
used to connect an external resistor (RB) to the oscillator pin (RCT, 2). In this way, both the normal and
the standby frequency are externally programmable.
The capacitor CT and the resistor RB, along with RA, set the operating frequency of the oscillator in nor-
mal operation (fosc). In fact, as long as the STANDBY signal is high, the pin is internally connected to
the reference voltage VREF by a N-channel FET (see fig. 3), thus the timing capacitor CT is charged
through RA and RB. When the STANDBY signal goes low the N-channel FET is turned off and the pin
becomes floating. RB is now disconnected and CT is charged through RA only. In this way the oscillator
frequency (fSB) will be lower.
The oscillation frequency can be estimated with the following approximate relationships:
fosc
≈
1
CT
⋅ (0.693 ⋅ (RA ⁄ ⁄ RB) + KT)
(1),
1
234
VCOMP
Pin
fosc
fSB
Stand-by
Normal operation
VT1
PNO
PSB
VT2
Figure 2.Standby function dynamic operation.
-
+
2.5
2.5/4
66K
Ω
R
STANDBY
10V
LEVEL SHIFT
COMP
FB
VREF
ST-BY
4
16
6
RCT
CT
RA
RB
2
5
LOW
HIGH
STANDBY
D97IN752A
VT1
2.6V
VT2
4V
VCOMP
ISEN
13
R
DRIVER
CUT
STANDBY BLOCK
2R
Figure 3. Standby function internal schematic and operation
AN1049 APPLICATION NOTE
3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com