Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1320 Datasheet HTML 1Page - STMicroelectronics AN1320 Datasheet HTML 2Page - STMicroelectronics AN1320 Datasheet HTML 3Page - STMicroelectronics AN1320 Datasheet HTML 4Page - STMicroelectronics AN1320 Datasheet HTML 5Page - STMicroelectronics AN1320 Datasheet HTML 6Page - STMicroelectronics AN1320 Datasheet HTML 7Page - STMicroelectronics AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
AN1320
APPLICATION NOTE
December 2000
1.0 INTRODUCTION
Roughly speaking a HF-TL ballast converts the 50-60Hz input to a high frequency output, usually in the range
of 25-125KHz.
A rectifier block and a DC to high frequency inverter usually make up a ballast. The half bridge of the inverter
can be driven in different ways with different ICs.
We will focus on a specific driver: the L6574. We will see first how the L6574 can drive and control a ballast,
then how it can communicate and be supervised by a
µC.
The aim of this paper is to examine if there are advantages in having a
µC work with L6574, the feasibility of
this “cooperation”, and a practical example.
2.0 L6574
L6574 is a BCD off line 16 pin IC specifically designed for ballast applications [ref.1](see fig.1). It has both driver
functions and controller functions on board.
The most useful characteristics to control the lamp are:
s
Preheat and frequency shifting timing
s
Cmos shut down input
s
Sense op-amp for closed loop control or protection failures
The parameters of the application are set by external components (resistors and capacitors) connected to the
IC. L6574 allows the user to set all the parameters according to the lamp characteristics, and the ballast will be
a high performance one. There is a specific application note on this IC (ref. [2]): here you find the description of
58W TL ballast with PFC section. Please refer to this application note and to the L6574 datasheet for the IC
details. In the following paragraphs we will focus our attention on a way to interface the L6574 with the micro-
controller rather than on “L6574 - stand alone” performances. The aim of this “supervision” is to control the three
points mentioned above.
by Francesca Sandrini and Luca Rodeschini
L6574 & MICROCONTROLLER
IN BALLAST APPLICATIONS
There is an increasing demand for flexibility in ballast applications. This means a request for having
ballast that can be used for different tubes without changing the soldered components. The aim is to
save money by using less parts (resistors, capacitors and so on) and less ballast models to be stored
and managed.
A way that is going to be investigated is the use of microcontroller which can “supervise” the application
in such a way that the key parameters of the application can be modified according to the tube charac-
teristics just by changing the micro-code.
In this application note we will exploit a way to interface a microcontroller with our integrated ballast
controller: the L6574.


Similar Part No. - AN1320

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
Video 75 W Driver IC built in Charge Pump Circuit
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
3-ch. video driver IC supporting HD with charge pump
More results

Similar Description - AN1320

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
Simple Ballast Controller
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
Simple Ballast Controller
logo
NXP Semiconductors
AN10971 PHILIPS-AN10971_15 Datasheet
469Kb / 41P
TL applications with NXP ballast controllers
Rev. 1-15 September 2011
logo
Molex Electronics Ltd.
1301080128 MOLEX11-1301080128 Datasheet
31Kb / 1P
Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle with Handle Ballast
logo
JILIN SINO-MICROELECTRO...
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com