Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1320 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics AN1320 Datasheet HTML 10Page - STMicroelectronics AN1320 Datasheet HTML 11Page - STMicroelectronics AN1320 Datasheet HTML 12Page - STMicroelectronics AN1320 Datasheet HTML 13Page - STMicroelectronics AN1320 Datasheet HTML 14Page - STMicroelectronics AN1320 Datasheet HTML 15Page - STMicroelectronics AN1320 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AN1320 APPLICATION NOTE
12/20
9.1 APPENDIX 1: Flow Chart
Figure 9. Appendix 1: Flow Chart
ST6 start up
PB3 H?
["check
power"]
check PC3:
H?
["start up
sequence"]
set pwm on
PB7=duty_pre
t>Tpre?
["call tpre"]
set IGN freq. profile
["load duty cycle
values from look up
table"]
check PC2: H?
enable pwm1
on PB7 and
pwm2[software]
on PB2
check PA4
voltage<>
5V
interrupts on
PC3?
nr tent = max
tent ?
PB0 & PB5 high
wait for reset
and/or power
off
N
Y
Y
N
Y
Y
N
N
Y
N
Y
Y
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com