Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1320 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1320 Datasheet HTML 7Page - STMicroelectronics AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics AN1320 Datasheet HTML 10Page - STMicroelectronics AN1320 Datasheet HTML 11Page - STMicroelectronics AN1320 Datasheet HTML 12Page - STMicroelectronics AN1320 Datasheet HTML 13Page - STMicroelectronics AN1320 Datasheet HTML 14Page - STMicroelectronics AN1320 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
AN1320 APPLICATION NOTE
This is an added value of the micro.
An important feature of the overall application is its modularity: we can have a board with the micro and a board
without it changing very few parts, we can also put all the parts on the same PCB and then decide which con-
nection to do.
7.0 COMMENTS:
The lamp disconnection fault is managed as an interrupt not only for fast acting, but also for the characteristics
of the application we have chosen. The ST62E62C has just a PWM output, while the application needs two
PWM. We have solved the problem using the software PWM. This is something very “heavy” for the micro to
perform, and it influences all the other choices: e.g. a polling sequence is to expensive as time consuming and
it influences the SW PWM duty cycle dynamic. It consumes ~25%-30% of the cycle, and this, added to 20% due
to the 4 instructions to do the PWM itself was too large. That is the main reason why the disconnection fault is
managed as an interrupt.
Of course there are different solutions. A feasible choice could be to use the hardware PWM to set the reference
of the non inverting input and not to use the software PWM. But we should relay on the L6574 preheat and ig-
nition sequence, where TPRE, fPRE and TIGN are set by capacitors and resistors. This means that the µC has to
supervise less items.
A third choice might be to choose a
µC with two PWM output: in this way the application has the same charac-
teristics and the
µC has an easier code to run.
8.0 REFERENCES:
1] L6574 datasheet
2] AN993: electronic ballast with PFC using L6574 and L6561
3] ST62E62C datasheet
9.0 APPENDIX:
1) Flow Chart
2) Vardef.inc
3) Ballast.asm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com