Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1729 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1729
Description  L6565-BASED LOW COST SMPS FOR TV WITH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1729 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1729 Datasheet HTML 2Page - STMicroelectronics AN1729 Datasheet HTML 3Page - STMicroelectronics AN1729 Datasheet HTML 4Page - STMicroelectronics AN1729 Datasheet HTML 5Page - STMicroelectronics AN1729 Datasheet HTML 6Page - STMicroelectronics AN1729 Datasheet HTML 7Page - STMicroelectronics AN1729 Datasheet HTML 8Page - STMicroelectronics AN1729 Datasheet HTML 9Page - STMicroelectronics AN1729 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN1729 APPLICATION NOTE
8/10
being Vin the DC voltage on the input bulk capacitor.
Switching losses, the power dissipated on the output rectifier diode, and the power dissipated in the input stage
are not easy to be evaluated analytically but they are anyway almost independent from the burst period and
considerably lower than PDstup.
Another quantity that can be evaluated is the power absorbed by the load:
(Eq. 6)
VOmin-stb in the valley voltage at the input of the linear regulator while this is absorbing Istb and it is therefore
greater than VOmin, which corresponds to IWup consumption. We can use the previous equations in order to
have a minimum possible value of Tburst and, as a rule of thumb, we can assume that the power consumption
calculated (PDstb + PLoad) is 70% of the total power consumption in standby. Hence, considering the 1W con-
sumption target, we have:
(Eq. 7)
From equation 5 we see that increasing Tburst the power consumption in standby can be made as low as de-
sired, however there is a maximum limit to Tburst.
Considering that a minimum voltage on the input of the voltage regulator has to be guaranteed, Tburst is related
to the maximum voltage that we have at the input of the voltage regulator VOMax (Fixed by the Zener diode DZ3)
and at the value of the output capacitor C9, according to the following equation:
(Eq. 8)
VOmax in any case has to be lower then the output voltage of the converter during the normal operation; if it were
not, the normal control loop would be activated and the behaviour of the converter would be different from what
is required. Fixing a low value for VOMax means decreasing the power consumption of the voltage regulator but,
as it can be seen, it is not a big part of the total power consumption. At this point the value of Tburst and then the
values of C9 and VOMax is a trade-off between lowering the standby consumption and a not too big output ca-
pacitor.
Once fixed all the component values, the VOmin-stb can be calculated as:
(Eq. 9)
Standby calculations in the experimental board
In the board assembled for testing the standby function the Zener diode DZ3 has a Zener voltage of 7.5V.
It means that the VOMax value is about 7.5V+0.6V+0.6V=8.7V. The output Capacitor (C9) value is: 4700µF so
from Eq. 8 the maximum Tburst value has to be:
where the tolerance of the electrolytic capacitor C9 (-20%) and the maximum quiescent current Id of the linear
voltage regulator has been considered.
The maximum discharge time of the capacitor C4 can be calculated as:
P
L oad
V
OMax
V
Omin
stb
–
+
() I
stb
⋅
2
------------------------------------------------------------------------
=
T
bu rst
C4 Vcc
Hy s
V
hV
⋅⋅
700m W
P
Load
–
------------------------------------------------
≥
V
Omax
V
Omin
T
burst
I
Wup
⋅
C9
---------------------------------
+
=
V
Omin stb
V
Om a x
T
bu rst
I
stb
⋅
C9
-----------------------------
–
=
T
Bu rs tM ax
V
OMax
V
OMin
–
() C9 0.8
⋅
()
⋅
I
wup
I
d
+
----------------------------------------------------------------------------
8.7V
5.5V
–
()
70 m A
3m A
+
------------------------------------ 3760
µF164ms
=
⋅
==
T
dis ch
C 4
–
Ma x
–
Vcc
Hys
C4 1.2
⋅
⋅
I
qMin
---------------------------------------------
4.3 26.4
µF
⋅
1.6 m A
--------------------------------
71m s
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com