Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1729 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1729
Description  L6565-BASED LOW COST SMPS FOR TV WITH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1729 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1729 Datasheet HTML 1Page - STMicroelectronics AN1729 Datasheet HTML 2Page - STMicroelectronics AN1729 Datasheet HTML 3Page - STMicroelectronics AN1729 Datasheet HTML 4Page - STMicroelectronics AN1729 Datasheet HTML 5Page - STMicroelectronics AN1729 Datasheet HTML 6Page - STMicroelectronics AN1729 Datasheet HTML 7Page - STMicroelectronics AN1729 Datasheet HTML 8Page - STMicroelectronics AN1729 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
AN1729
APPLICATION NOTE
June 2003
QR ZVS Flyback topology
In figure 1 a typical Flyback topology is illustrated. CD is the total capacitance of the drain node. It is the sum of
the Mosfet' s COSS, transformer intrawinding capacitance, stray capacitance due to the layout of the circuit as
well as other contributions reflected from the secondary side.
Figure 1. Flyback topology
Llk
Lm
Ls
Lp
Cin
Rp
Vin
Vout
Cd
VDS
D03IN1462
by: R.D. Stracquadaini, C. Leonardi
L6565-BASED LOW COST SMPS FOR TV WITH
LESS THEN 1W STANDBY CONSUMPTION
The need for energy consumption reduction brings to the design of more and more efficient power sup-
plies. High efficiency is required not only when the system supplied is fully operating but also when it is
in standby condition and absorbs very little power. A common design target for many home appliances
is that their power consumption in standby mode be less than 1W.
In this paper a cost-effective solution for the power supply of a 60W 14" TV, with a standby power con-
sumption of less then 1W is presented.
The topology used for this Switch Mode Power Supply is a Quasi-resonant Flyback Converter (See
AN1326) in order to reduce the switching losses (ZVS at turn-on) and then to increase efficiency. In or-
der to increase the performance in standby condition the start up network was designed with particular
care and the 2nd level of overcurrent protection of the L6565 QR controller is used to obtain an enhanced
burst mode operation of the power supply when the system is in standby condition. The power MOS
STP7NK80 (BVDSS = 800V, RDSon = 1.5Ω ) is used as the power switch.


Similar Part No. - AN1729

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1729 ARISTA-AN1729 Datasheet
3Mb / 56P
7050 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1729

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TEA2029CV TEMIC-TEA2029CV Datasheet
321Kb / 8P
Timing Processor (LINE, FRAME, SMPS) for TV Sets
logo
STMicroelectronics
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
logo
Texas Instruments
TPL0401EVM TI1-TPL0401EVM Datasheet
335Kb / 15P
Works with low cost MSP430 based LaunchPad platform
logo
STMicroelectronics
AN1657 STMICROELECTRONICS-AN1657 Datasheet
166Kb / 9P
SMPS FOR CRT MONITORS WITH THE L6565
Feb-2003
AN2600 STMICROELECTRONICS-AN2600 Datasheet
574Kb / 30P
SMPS for high-end PVR based on L6668
17-Jan-2008
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
UM0584 STMICROELECTRONICS-UM0584 Datasheet
405Kb / 9P
STEVAL-ISA031V1: 40 W SMPS with HV MOSFET and L6565 for three-phase industrial applications
24-Sep-2009
logo
Infineon Technologies A...
3BR1565JF INFINEON-3BR1565JF Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
logo
STMicroelectronics
ST-9150 STMICROELECTRONICS-ST-9150 Datasheet
170Kb / 11P
Low-cost advanced HD decoding IC for TV
14-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com