Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 2Page - STMicroelectronics L6206 Datasheet HTML 3Page - STMicroelectronics L6206 Datasheet HTML 4Page - STMicroelectronics L6206 Datasheet HTML 5Page - STMicroelectronics L6206 Datasheet HTML 6Page - STMicroelectronics L6206 Datasheet HTML 7Page - STMicroelectronics L6206 Datasheet HTML 8Page - STMicroelectronics L6206 Datasheet HTML 9Page - STMicroelectronics L6206 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
AN1762 APPLICATION NOTE
6/53
Figure 6 shows the voltage waveforms at the two OUT pins referring to a possible practical situation, with a peak
output current of 2.8A, VS = 52V, RSENSE = 0.33Ω, TJ = 25°C (approximately) and a good PCB layout. Below
ground spike amplitude is -2.65V for one output; the other
OUT pin is at about 57V. In these conditions, total
differential voltage reaches almost 60V, which is the absolute maximum rating for the DMOS. Keeping differen-
tial voltage between two Output pins belonging to the same Full Bridge within rated values is a must that can
be accomplished with proper selection of Bulk capacitor value and equivalent series resistance (ESR), accord-
ing to current peaks and chopping style and adopting good layout practices to minimize PCB parasitic induc-
tances (see below) [3].
Figure 6. Voltage at the two outputs during the
dead time at a phase change.
3.3 Choosing the Bulk Capacitor
Since the bulk capacitor, placed between VS and GND pins, is charged and discharged during IC operation, its
AC current capability must be greater than the r.m.s. value of the charge/discharge current. In the case of a
PWM current regulation, the current flows from the capacitor to the IC during the on-time (tON) and from the IC
(implementing a fast decay current recirculation technique) or from the power supply (implementing a slow de-
cay current recirculation technique) to the capacitor during the off-time (tOFF). The r.m.s. value of the current
flowing into the bulk capacitor depends on peak output current, output current ripple, switching frequency, duty-
cycle and chopping style. It also depends on power supply characteristics. A power supply with poor high fre-
quency performances (or long, inductive connections to the IC) will cause the bulk capacitor to be recharged
slowly: the higher the current control switching frequency, the higher the current ripple in the capacitor; r.m.s.
current in the capacitor, however, does not exceed the r.m.s. output current. Bulk capacitor value (
C) and the
ESR determine the amount of voltage ripple on the capacitor itself and on the IC. In slow decay, neglecting the
dead-time and output current ripple, and assuming that during the on-time the capacitor is not recharged by the
power supply, the voltage at the end of the
on-time is:
,
so the supply voltage ripple is:
,
Out 2
Out 1
V
S
I
OUT
–
ESR
t
ON
C
---------
+


⋅
I
OUT
ESR
t
ON
C
---------
+


⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com