Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 3 Page - STMicroelectronics

  L6206 Datasheet HTML 1Page - STMicroelectronics L6206 Datasheet HTML 2Page - STMicroelectronics L6206 Datasheet HTML 3Page - STMicroelectronics L6206 Datasheet HTML 4Page - STMicroelectronics L6206 Datasheet HTML 5Page - STMicroelectronics L6206 Datasheet HTML 6Page - STMicroelectronics L6206 Datasheet HTML 7Page - STMicroelectronics L6206 Datasheet HTML 8Page - STMicroelectronics L6206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
3/53
AN1762 APPLICATION NOTE
Table of Contents
1
INTRODUCTION ................................................................................................................................1
2
MAIN DIFFERENCES BETWEEN L6205, L6206, L6207 ..................................................................4
3
DESIGNING AN APPLICATION WITH L6205, L6206, L6207 ...........................................................4
3.1
Current Ratings ........................................................................................................................4
3.2
Voltage Ratings and Operating Range ....................................................................................4
3.3
Choosing the Bulk Capacitor....................................................................................................6
3.4
Layout Considerations .............................................................................................................7
3.5
Sensing Resistors ....................................................................................................................9
3.6
Charge pump external components .......................................................................................10
3.7
Sharing the Charge Pump Circuitry .......................................................................................11
3.8
Reference Voltage for PWM Current Control (L6207 ONLY).................................................12
3.9
Input Logic pins ......................................................................................................................13
3.10
EN pins...................................................................................................................................13
3.11
Programmable off-time Monostable (L6207 ONLY)..............................................................14
3.11.1 Off-time Selection and minimum on-time (L6207 ONLY) ................................................16
3.11.2 Slow Decay Mode (L6207 ONLY) ...................................................................................17
3.12
Over Current Protection ........................................................................................................18
3.13
Adjusting the Over Current Detection trip point (L6206 ONLY) ............................................21
3.14
Paralleling two Full Bridges...................................................................................................23
3.14.1 Paralleling two Full Bridges to get a single Full Bridge ....................................................23
3.14.2 Paralleling the four Half Bridges to get a single Half Bridge.............................................26
3.15
Power Management ..............................................................................................................27
3.15.1 Maximum output current vs. selectable devices..............................................................27
3.15.2 Power Dissipation Formulae for different sequences ......................................................28
4
APPLICATION EXAMPLE (L6207) ..................................................................................................32
4.1
Decay mode, sensing resistors and reference voltage. .........................................................32
5
APPENDIX - EVALUATION BOARDS .............................................................................................33
5.1
PractiSPIN..............................................................................................................................33
5.2
EVAL6205N ...........................................................................................................................34
5.2.1 Important Notes ................................................................................................................35
5.3
EVAL6206N ...........................................................................................................................39
5.3.1 Important Notes ................................................................................................................40
5.4
EVAL6206PD .........................................................................................................................44
5.4.1 Important Notes ................................................................................................................45
5.5
EVAL6207N ...........................................................................................................................49
5.5.1 Important Notes ................................................................................................................50
6
REFERENCES.................................................................................................................................53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com