Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 2 Page - STMicroelectronics

  L6206 Datasheet HTML 1Page - STMicroelectronics L6206 Datasheet HTML 2Page - STMicroelectronics L6206 Datasheet HTML 3Page - STMicroelectronics L6206 Datasheet HTML 4Page - STMicroelectronics L6206 Datasheet HTML 5Page - STMicroelectronics L6206 Datasheet HTML 6Page - STMicroelectronics L6206 Datasheet HTML 7Page - STMicroelectronics L6206 Datasheet HTML 8Page - STMicroelectronics L6206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
AN1762 APPLICATION NOTE
2/53
Figure 2. L6206 block diagram.
Figure 3. L6207 block diagram.
D99IN1088A
GATE
LOGIC
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
ENA
IN1A
IN2A
ENB
IN1B
IN2B
VBOOT
5V
10V
VSA
V
SB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
THERMAL
PROTECTION
VBOOT
VBOOT
10V
10V
BRIDGE A
BRIDGE B
SENSEB
PROGCLB
OCDB
OCDA
PROGCLA
OCDA
OCDB
D99IN1085A
GATE
LOGIC
OCDA
OCDB
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
ENA
IN1A
IN2A
ENB
IN1B
IN2B
VREFA
VBOOT
5V
10V
VSA
V
SB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
ONE SHOT
MONOSTABLE
MASKING
TIME
THERMAL
PROTECTION
VBOOT
VBOOT
10V
10V
BRIDGE A
SENSE
COMPARATOR
BRIDGE B
RCA
+
-
SENSEB
VREFB
RCB
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com