Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1895 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 2Page - STMicroelectronics AN1895 Datasheet HTML 3Page - STMicroelectronics AN1895 Datasheet HTML 4Page - STMicroelectronics AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Power stage design procedure
AN1895
6/16
The diode RMS current is:
The dissipation on the sense resistor will be 0.17·3.962=2.7W, which justifies the use of
four resistors; the selected MOSFET is the STP12NM50, a 0.3
Ω/500V MDmesh™ type
from STMicroelectronics, housed in a TO220 package; two of them will be paralleled to
handle the rated power; the selected diode is an STTH806DTI, an 8A/600V Tandem
diode, again from STMicroelectronics, housed in a TO220 package. All of them must be
dissipated to keep their temperature within safe limits.
As for the inductor, the core size will be determined by saturation since the ripple is
relatively low. Assuming a peak flux density Bmax=0.3T, the minimum required Area-
Product is:
An E42 core (AP = 3.15 cm4) has been chosen. See table 3 for the complete inductor
spec.
The output capacitor is determined by the hold-up time requirement. Assuming a
minimum voltage of 300V after the line drop, a minimum of 180 µF is needed and a
220µF/450V capacitor will be used.
9.
The peak multiplier bias voltage VMULT @90V mains must meet the condition:
,
where 1.65 is the minimum slope of the multiplier characteristic associated to the error
amplifier saturated high (see Figure 9 in [1]). With the selected value for Rsense
(0.17
Ω):
Choosing the ratio of the resistor divider that biases the multiplier input (pin 3, MULT)
KP =8·10
-3 lets the peak voltage on the multiplier pin will go from 1V to 3V, thus
meeting the above condition.
The high-side resistor of the output divider that sets the output voltage is chosen on the
basis of the maximum allowed overvoltage on the output. Considering 40V overvoltage,
the high-side resistor must be 1M
Ω (see [3] for details, in this respect the L6561 and
the L6562 are exactly equal). The low-side resistor will then be 1M
Ω · (400/2.5 - 1)
=6.29k
Ω; the 6.34kΩ standard value will be used.
Based on the model given in [2], a compensation network made with an RC series
(R = 6.8 k
Ω, C = 1 µF) guarantees a minimum of 25° phase margin (with 9 Hz bandwidth) at
minimum line and a bandwidth not exceeding 20 Hz (with 50° phase margin) at maximum
line.
I
Qrms
()
Pin
0
k
minVout
-------------------------
16k
min
3
π
⋅
-------------------
417
0.318 400
⋅
----------------------------- 16 0.318
⋅
3
π
⋅
--------------------------
2.41A
==
=
AP
min
186
1k
minKr
–
k
minKr
----------------------------
Pin
0tOFF
B
max
-------------------------
⎝⎠
⎜⎟
⎛⎞ 1.31
≈
186
1
0.318 0.3
⋅
–
0.318 0.3
⋅
-------------------------------------
417 3.18 10
6
–
⋅⋅
0.3
-------------------------------------------
⎝⎠
⎛⎞
1.31
2.92 [cm
4 ]
==
I
LpkmaxRsense
1.65
-----------------------------------------
V
MULTpk
3
V
in RMS
()min
V
in RMS
()max
-----------------------------------
≤≤
7.39 0.17
⋅
1.65
---------------------------
0.761
V
MULTpk
3
90
265
----------
⋅
≤≤
1.02
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com