Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1895 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics AN1895 Datasheet HTML 12Page - STMicroelectronics AN1895 Datasheet HTML 13Page - STMicroelectronics AN1895 Datasheet HTML 14Page - STMicroelectronics AN1895 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN1895
Getting started with the evaluation board
11/16
Figure 9.
Line current waveforms @ POUT = 180W
Figure 10.
Line current waveforms @ POUT = 70W
Note:
1
Note that input LC filter is provided only to clean the line current waveform enough to
prevent the measurement system from being misled by an excessive noise level. The filter is
not designed nor tested for EMI compliance.
2
The board, as is, is able to handle properly an output load as low as 15 W. With lower load
levels, the system will not start up correctly at low line because the OVP generated at start-
up lasts so long that the VCC voltage drops below the UVLO of the L6562 (e.g. with 4W load
the system would stop for 600 ms @ VIN = 90VAC). Load transients from the maximum load
to levels below 15W may cause the VCC to be lost as well. If supplying the L6562 with an
external source, the minimum load that can be handled properly drops to virtually zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com