Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1895 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1895 Datasheet HTML 4Page - STMicroelectronics AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics AN1895 Datasheet HTML 10Page - STMicroelectronics AN1895 Datasheet HTML 11Page - STMicroelectronics AN1895 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Setting up FOT control with the L6562
AN1895
8/16
7.
Assuming that the VCC voltage never falls below 14-15V, the limiting resistor Rs can be
selected according to:
where VGDx = 15V is the maximum clamp value of the gate drive voltage, VZCDclamp ≈
5.7V is the clamp value of the ZCD pin voltage, VF ≈ 0.5V the forward drop on the
diode, IZCDx = 10mA the maximum ZCD clamp current D and VBE ≈ 0.55V the emitter-
to-base forward drop of T. Substituting:
in this case a 1.5k
Ω resistor will be chosen
8.
Cs will be selected according to the relationship:
;
a standard value Cs=330 pF will be used.
Figure 4.
Diagrams for the design of the circuit of Figure 3 (valid for wide-range
mains operation).
Rs
V
GDx
V
ZCDclamp
–
V
F
–
I
ZCDx
V
ZCDclampR2
V
ZCDclamp
V
MULTpkmax
V
BE
–
–
()R1
+
R1R2
----------------------------------------------------------------------------------------------------------------------------------------------------
+
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
>
Rs
15
5.7
–
0.5
–
10 10
3
–
5.7 1500
5.7
3
–
0.55
–
() 12000
⋅
+
⋅
1500 12000
⋅
----------------------------------------------------------------------------------------------
+
⋅
----------------------------------------------------------------------------------------------------------------------------
>
739
Ω
=
Cs
C
V
ZCDclamp
V
GDx
V
ZCDclamp
–
V
F
–
----------------------------------------------------------------
<
560 10
12
–
5.7
15
5.7
–
0.5
–
-----------------------------------
⋅
363pF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com