| Electronic Components Datasheet Search |
|
AN2300 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2300 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 21 page ![]() AN2300 Modified Buck converter Rev1 7/21 The presence of the zener diode in the free-wheeling path does not affect the basic operation of the converter, but it could impact on the efficiency. In fact, if there is no load on Vout2, the whole free-wheeling current will flow through both diodes, D1 and DZ, as shown in Figure 5.). As the current drawn from Vout2 increases, the free-wheeling current flows through a different path, splitting in two components as shown in Figure 6. In this way the power dissipation in DZ is reduced and the efficiency is increased accordingly. Thus, the converter performs better if the complementary output is loaded, for a given output current Iout1. In order to guarantee the proper operation of the converter when Vout1 is in open load condition, a bleeder resistor has to be connected. A practical implementation of the circuit is presented in schematic A (see figure Figure 7.), where R1 is the bleeder resistor; D3, C3 and C4 are needed for VIPer12A biasing; L1, C1, D1, C2 make up the input filter for EMI compliance; R0 limits the inrush current of the capacitors. Figure 3. Buck basic operation during the switch TON Figure 4. Buck basic operation during the switch TOFF Vout2 + C1 S L D1 Vin Rload Vin + C1 Rload D1 S Vout2 L Figure 5. Modified Buck current flow at Iout2 = 0 Figure 6. Modified Buck current flow at Iout2≠0 L Iout1 Vout2 Vin + C2 S D1 + C1 Rload1 Iout2 = 0 DZ Vout1 + C2 Iout2 Vin Rload1 L Vout1 DZ Vout2 Rload2 D1 Iout1 S + C1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |