Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2300 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2300
Description  An alternative solution to Capacitive power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2300 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2300 Datasheet HTML 1Page - STMicroelectronics AN2300 Datasheet HTML 2Page - STMicroelectronics AN2300 Datasheet HTML 3Page - STMicroelectronics AN2300 Datasheet HTML 4Page - STMicroelectronics AN2300 Datasheet HTML 5Page - STMicroelectronics AN2300 Datasheet HTML 6Page - STMicroelectronics AN2300 Datasheet HTML 7Page - STMicroelectronics AN2300 Datasheet HTML 8Page - STMicroelectronics AN2300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN2300
Capacitive converter
Rev1
5/21
1
Capacitive converter
The schematic of the Capacitive power supply is shown in Figure 1. The capacitor C2
accommodates the AC mains voltage to a voltage level suitable for the application, while R1
and R2 are connected in order to limit the inrush current of the capacitors. The voltage is
then rectified by the diode D1 and regulated by means of zener diodes and electrolytic
capacitors. The output capacitor values, C4 and C6, have been chosen in order to keep the
output voltages ripples below 5%, at the given output load condition. The part list of the
converter is given in Table 2.
Figure 1.
Capacitive converter schematic
Table 2.
Capacitive converter part list
Reference
Value
Part type
R1
10
Ω 1/4Ω
Resistor
R2
150K
Ω 1/4Ω
Resistor
C1
47nF
X2 Capacitor
C2
2.2
µF
X2 Capacitor
C3
82nF
Ceramic capacitor
C4
10002
µF, 25V
Electrolytic Capacitor
C5
82nF
Ceramic capacitor
C6
4700
µF, 25V
Electrolytic Capacitor
D1
Diode 1N4007
D2
Diode 1N4007
Dz1
12V
Zener Diode 1N5349B730
Dz2
5.1V
Zener Diode BZX85C5V1
Vin
D1
Dz2
R2
C3
C6
C1
C4
C2
Vout1
Dz1
D2
R1
Neutral
Vout2
Line
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com