Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2300 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2300
Description  An alternative solution to Capacitive power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2300 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2300 Datasheet HTML 5Page - STMicroelectronics AN2300 Datasheet HTML 6Page - STMicroelectronics AN2300 Datasheet HTML 7Page - STMicroelectronics AN2300 Datasheet HTML 8Page - STMicroelectronics AN2300 Datasheet HTML 9Page - STMicroelectronics AN2300 Datasheet HTML 10Page - STMicroelectronics AN2300 Datasheet HTML 11Page - STMicroelectronics AN2300 Datasheet HTML 12Page - STMicroelectronics AN2300 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN2300
Modified Buck converter
Rev1
9/21
Figure 9.
PCB layout based on schematic B
Table 3.
Buck converter part list (schematic A)
Reference
Value
Part type
R0
22
Ω 1/2W
Resistor
R1
330
Ω 1/2W
Resistor (bleeder)
C1
47nF
X2 capacitor
C2
2.2
µF, 400V
Electrolytic capacitor
C3
22nF
Ceramic capacitor
C4
4.7
µF, 63V
Electrolytic capacitor
C6
33
µF, 25V
Electrolytic capacitor
C7
33
µF, 25V
Electrolytic capacitor
D1
Diode 1N4004
D2
Diode STTA106
D3
Diode BA157
Dz1
16V
Zener Diode
Dz2
5.1V, 1/2W
Zener Diode
L1
1mH
Axial inductor
L
1.5mH
Axial inductor
IC
VIPer12A - DIP8
Table 4.
Buck converter part list (schematic B)
Reference
Value
Part type
R0
22
Ω 1/2W
Resistor
R1
120
Ω 1/2W
Resistor (bleeder)
R2
1k
Ω 1/4W
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com