Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD178P018GC Datasheet(PDF) 39 Page - NEC

Part # UPD178P018GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178P018GC Datasheet(HTML) 39 Page - NEC

Back Button UPD178P018GC Datasheet HTML 35Page - NEC UPD178P018GC Datasheet HTML 36Page - NEC UPD178P018GC Datasheet HTML 37Page - NEC UPD178P018GC Datasheet HTML 38Page - NEC UPD178P018GC Datasheet HTML 39Page - NEC UPD178P018GC Datasheet HTML 40Page - NEC UPD178P018GC Datasheet HTML 41Page - NEC UPD178P018GC Datasheet HTML 42Page - NEC UPD178P018GC Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
µPD178P018
A/D CONVERTER CHARACTERISTICS (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Resolution
8
8
8
bit
Conversion total
±3.0
LSB
error
Conversion time
tCONV
22.2
44.4
µs
Sampling time
tSAMP
15/fXX
µs
Analog input
VIAN
0VDD
V
voltage
Remarks 1. fXX: System clock frequency (fX/2)
2. fX: System clock oscillation frequency
PLL CHARACTERISTICS (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Operating
fIN1
VCOL Pin MF Mode Sine wave input VIN = 0.1 Vp-p
0.5
3
MHz
frequency
fIN2
VCOL Pin HF Mode Sine wave input VIN = 0.2 Vp-p
9
55
MHz
fIN3
VCOH Pin VHF Mode Sine wave input VIN = 0.15 Vp-p
60
160
MHz
IFC CHARACTERISTICS (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Operating
fIN4
AMIFC Pin AMIF Count Mode
0.4
0.5
MHz
frequency
Sine wave input VIN = 0.1 Vp-pNote
fIN5
FMIFC Pin FMIF Count Mode
10
11
MHz
Sine wave input VIN = 0.1 Vp-pNote
fIN6
FMIFC Pin AMIF Count Mode
0.4
0.5
MHz
Sine wave input VIN = 0.1 Vp-pNote
Note
The condition of a sine wave input of VIN = 0.1 Vp-p is the standard value for operation of this device during
stand-alone operation, so in consideration of the effect of noise, it is recommended that operation be at
an input amplitude condition of VIN = 0.15 Vp-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com