Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD178P018GC Datasheet(PDF) 21 Page - NEC

Part # UPD178P018GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178P018GC Datasheet(HTML) 21 Page - NEC

Back Button UPD178P018GC Datasheet HTML 17Page - NEC UPD178P018GC Datasheet HTML 18Page - NEC UPD178P018GC Datasheet HTML 19Page - NEC UPD178P018GC Datasheet HTML 20Page - NEC UPD178P018GC Datasheet HTML 21Page - NEC UPD178P018GC Datasheet HTML 22Page - NEC UPD178P018GC Datasheet HTML 23Page - NEC UPD178P018GC Datasheet HTML 24Page - NEC UPD178P018GC Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
µPD178P018
21
Figure 2-4. Byte Program Mode Timing
Cautions
1.
VDD should be applied before VPP, and removed after VPP.
2.
VPP must not exceed +13.5 V including overshoot.
3.
Reliability may be adversely affected if removal/reinsertion is performed while +12.5 V is being
applied to VPP.
Program
Program Verify
A0 to A16
D0 to D7
Data Input
Data Output
VPP
VPP
VDD
VDD
VDD + 1.5
VDD
CE
VIH
VIL
PGM
VIH
VIL
OE
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com