Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD178P018GC Datasheet(PDF) 2 Page - NEC

Part # UPD178P018GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178P018GC Datasheet(HTML) 2 Page - NEC

  UPD178P018GC Datasheet HTML 1Page - NEC UPD178P018GC Datasheet HTML 2Page - NEC UPD178P018GC Datasheet HTML 3Page - NEC UPD178P018GC Datasheet HTML 4Page - NEC UPD178P018GC Datasheet HTML 5Page - NEC UPD178P018GC Datasheet HTML 6Page - NEC UPD178P018GC Datasheet HTML 7Page - NEC UPD178P018GC Datasheet HTML 8Page - NEC UPD178P018GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
µPD178P018
2
APPLICATIONS
Car stereo, home stereo systems
ORDERING INFORMATION
Part Number
Package
Internal ROM
Quality Grade
µPD178P018GC-3B9
80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
One-Time PROM Standard
µPD178P018KK-TNote 80-pin ceramic WQFN (14 × 14 mm, 0.65-mm pitch) EPROM
Not applicable
Note
Under planning
Please refer to "Quality grade on NEC Semiconductor Devices" (Document number C11531E) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
µPD178018 SUBSERIES EXPANSION
PD178018 Subseries
80 pins
PROM: 60 KB
RAM: 3 KB
PD178P018
80 pins
ROM: 60 KB
RAM: 3 KB
PD178018
80 pins
ROM: 48 KB
RAM: 3 KB
PD178016
80 pins
ROM: 48 KB
RAM: 1 KB
PD178006
80 pins
ROM: 32 KB
RAM: 1 KB
PD178004
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com