Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2590 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2590 Datasheet HTML 4Page - STMicroelectronics AN2590 Datasheet HTML 5Page - STMicroelectronics AN2590 Datasheet HTML 6Page - STMicroelectronics AN2590 Datasheet HTML 7Page - STMicroelectronics AN2590 Datasheet HTML 8Page - STMicroelectronics AN2590 Datasheet HTML 9Page - STMicroelectronics AN2590 Datasheet HTML 10Page - STMicroelectronics AN2590 Datasheet HTML 11Page - STMicroelectronics AN2590 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Board description
AN2590
8/17
●
Stage 1: [t0... t1] charge to L1. At t0, S1 is already turned on and S2 is off. Assume the
current through L1 (iL1) is zero, then iL1 increases linearly by the voltage across Cf1,
and the current flows through Cf1, Db1, S1 and L1.
●
Stage 2: [t1… t2] discharging by L1. At t1, S1 is turned off and S2 is turned on. At the
moment iL1 reaches the positive peak that forces Ds2 to turn on, negative voltage
(Vc1-Vcf1) is applied to L1, causing iL1 to decrease linearly. The current flows through
Cf1, Db1, C1, Ds2 and L1.
●
Stage 3: [t2… t3] charge to L1. At t2, iL1 reaches zero, and iL1 linearly increases to the
negative peak by the voltage across Cf2. The current flows through Cf2, L1, S2 and
Db2.
●
Stage 4: [t3… t4] discharging by L1. At t3, S1 is turned on and S2 is turned off. When
iL1 reaches the negative peak that forces Ds1 to turn on, voltage (Vc1-Vcf2) is applied
to L1, causing iL1 to decrease linearly. The current flows through Cf2, L1, Ds1, C1 and
Db2. At t4, iL1 reaches zero, where the new switching cycle begins.
The overall current flow shape in L1 during one half AC line cycle is shown in Figure 9. It is
clear that the boost inductor current flows in two directions and the PFC circuit works at
boundary conduction mode.
2.4
Calculations
From the above analysis, the main parameters of the circuit can be calculated for the
application. To design the PFC circuit, the inductor (L1) and its peak current (Ipk) are the
most important.
For the resonant circuit, Lr and Cr are the main parameters. The calculation steps are given
as follows:
●
Step 1: Ipk during one switching cycle is given by,
Equation 1
Where Vin is the input voltage after rectifier, Ts is the period of a switching time, t' is the
discharging time of L1, and Vc1 is the voltage across C1.
Figure 8.
L1 current per switching period
Figure 9.
L1 current shape
Ipk
1
2
---Vin
1
2
---Ts
t'
–
⎝⎠
⎛⎞
•
L1
--------------------------------------------
Vc1
1
2
---Vin
t'
•
–
L1
---------------------------------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com