Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2590 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2590 Datasheet HTML 5Page - STMicroelectronics AN2590 Datasheet HTML 6Page - STMicroelectronics AN2590 Datasheet HTML 7Page - STMicroelectronics AN2590 Datasheet HTML 8Page - STMicroelectronics AN2590 Datasheet HTML 9Page - STMicroelectronics AN2590 Datasheet HTML 10Page - STMicroelectronics AN2590 Datasheet HTML 11Page - STMicroelectronics AN2590 Datasheet HTML 12Page - STMicroelectronics AN2590 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN2590
Board description
9/17
As a consequence of that, we have the following.
Equation 2
Equation 3
●
Step 2: The input ac current (Iac) equals half of the average inductor current due to two
divider capacitors, so,
Equation 4
●
Step 3: The input power Pin is determined by,
Equation 5
Where Vac is the input voltage. With the above three steps, the values of L1 and Ipk can be
found if the input/output conditions and switching frequency are given.
●
Step 4: For the half bridge resonant circuit, the equivalent resistance of the lamp is
given by:
Equation 6
Where Vrms,lamp is the rated lamp voltage, Irms,lamp is the rated lamp current. With Vrms,lamp
and Irms,lamp and the input voltage of the half bridge (Vc1), the results of Lr & Cr are easily
obtained.
●
Step 5: MOSFET selection. In order to select an adequate MOSFET parameters
V(BR)DSS, ID and RDSON are important. The V(BR)DSS should be selected according to
Vc1 with a certain safe margin. In a compact application, the thermal issue becomes
very critical. Thus ID and RDSON must be selected with a safe margin also.
t'
Vin
4Vc1
--------------Ts
=
Ipk
Ts
4L1
----------
1
Vin
2Vc1
--------------
–
⎝⎠
⎛⎞
•
Vin
•
=
Iac
1
2
---i
L1
⎝⎠
⎛⎞
ave
1
4
---Ipk
Ts
16L1
--------------
1
Vin
2Vc1
--------------
–
⎝⎠
⎛⎞
•
Vin
•
=
=
=
Pin
1
π
---
Vac
Iac
•θ
d
0
π
∫
=
R
lamp
V
rms lamp
,
I
rms lamp
,
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com