Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2590 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2590 Datasheet HTML 1Page - STMicroelectronics AN2590 Datasheet HTML 2Page - STMicroelectronics AN2590 Datasheet HTML 3Page - STMicroelectronics AN2590 Datasheet HTML 4Page - STMicroelectronics AN2590 Datasheet HTML 5Page - STMicroelectronics AN2590 Datasheet HTML 6Page - STMicroelectronics AN2590 Datasheet HTML 7Page - STMicroelectronics AN2590 Datasheet HTML 8Page - STMicroelectronics AN2590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN2590
Typical dimming system for incandescent lamps
5/17
the AC input, and the triac is then immediately turned off. It is impossible to adjust the DC
voltage across the storage capacitor and then extend triac firing angle less than 90°.
However the lamp may continue to flicker and remain unstable if the DC voltage is not well
managed.
1.2
Proposed solution
The CFL ballast has been developed based on the L6574D. The lamp power can be
dimmed from below 20% up to 100% (full illumination) by adjusting the triac dimmer.
With the implementation of the PFC solution, the lamp power can be adjusted by switching
the frequency of the driver circuit that corresponds to the illumination level set by the triac
dimmer. The triac can be triggered at every point during the half cycle and conducts
continuously until the end of the half cycle (180°). In addition, a circuit detects the firing
angle of the triac and adjusts lamp power by adjusting the switching frequency of the half
bridge to control lamp power depending on the position of the triac dimmer.
Please note that while the triac dimmer is connected to the capacitive load (CFL), the triac
will not be fired if trigger angle is set lower than 50°. Because bus voltage (the voltage
across the storage capacitor) falls, the system stops operating at an angle less than 40°. For
this reason, the dimmable ballast cannot be operated in full dimming range. A hysteretic
range per half AC cycle was turned on at 50° and turned off at 40°. Figure 5 shows us the
Gate pulse (trigger) and firing angle per half cycle.
Figure 5.
The half AC line cycle of sinuous wave and firing angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com