Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2738 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 3Page - STMicroelectronics AN2738 Datasheet HTML 4Page - STMicroelectronics AN2738 Datasheet HTML 5Page - STMicroelectronics AN2738 Datasheet HTML 6Page - STMicroelectronics AN2738 Datasheet HTML 7Page - STMicroelectronics AN2738 Datasheet HTML 8Page - STMicroelectronics AN2738 Datasheet HTML 9Page - STMicroelectronics AN2738 Datasheet HTML 10Page - STMicroelectronics AN2738 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
AN2738
UVLO function
Doc ID 14589 Rev 2
7/54
3
UVLO function
The L6390 supply voltage VCC is continuously monitored by an under-voltage lockout
(UVLO) circuitry which turns off the IC outputs when the supply voltage goes below the
VCC_thOFF threshold (see L6390 datasheet for values) and turns on the device when the
supply voltage goes above the VCC_thON voltage. A hysteresis of about 1.5 V is provided for
noise rejection purpose. The high voltage floating supply VBOOT is provided with a similar
under-voltage lockout circuitry also. When the L6390 is in UVLO condition, both gate driver
outputs are set to low level, setting the half-bridge power stage output to high impedance.
Figure 3 below shows the I-V characteristics of the output buffers at different VCC values.
Figure 3.
L6390 gate driver outputs in UVLO condition
VLVG/HVG
(V)
ILVG/HVG
(mA)
45
50
10
VCC = 0V
VCC = 1V
VCC = 2V
VCC = 3V
20
30
40
VCC = 4V
VCC = 5V
80
60
70
VCC = 6V
90
VCC = 7V
100
VCC = 9V
VCC = 15V
23
1
0
LVG/HVG
GND/OUT
VCC/BOOT
GATE DRIVER
OUTPUT BUFFER
(LS/HS)
n-channel
(sink)
p-channel
(source)
ON
OFF
VCC
+
VLVG/HVG
+
ILVG/HVG
A
NOTE: when VCC <
VLVG/HVG
the body diode of the p-channel (source)
turns ON and clamps the
VLVG/HVG voltage
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com