Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2787 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 13Page - STMicroelectronics AN2787 Datasheet HTML 14Page - STMicroelectronics AN2787 Datasheet HTML 15Page - STMicroelectronics AN2787 Datasheet HTML 16Page - STMicroelectronics AN2787 Datasheet HTML 17Page - STMicroelectronics AN2787 Datasheet HTML 18Page - STMicroelectronics AN2787 Datasheet HTML 19Page - STMicroelectronics AN2787 Datasheet HTML 20Page - STMicroelectronics AN2787 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN2787
Configuration
17/37
7.4
JP5 1.5 V external/internal divider (VFB_1S5 pin)
The JP5 jumper allows selecting the internal divider or the external divider for the 1.5 V
switching regulator. When the VFB_1S5 pin is connected directly to the output capacitor, the
internal divider is enabled and this section provides 1.5 V output voltage. When the
multifunction pin VFB_1S5 is tied to the central tap of an external divider, the switching
regulator becomes adjustable, with the following output voltage:
Equation 2
Figure 12.
JP5 1.5 V divider selection
7.5
JP6 1.05 V external/internal divider (VFB_1S05 pin)
The JP6 jumper allows selecting the internal divider or the external divider for the 1.05 V
switching regulator. When the VFB_1S05 pin is connected directly to the output capacitor,
the internal divider is enabled and this section provides 1.05 V output voltage. When the
multifunction pin VFB_1S5 is tied to the central tap of an external divider, the switching
regulator becomes adjustable, with the following output voltage:
Equation 3
Figure 13.
JP6 1.05 V divider selection
V
8
.
0
1
R
R
Vout
8
7
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
External Divider Enabled
Internal Divider Enabled
V
8
.
0
1
R
R
Vout
10
9
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
Internal Divider Enabled
External Divider Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com