Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2787 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 16Page - STMicroelectronics AN2787 Datasheet HTML 17Page - STMicroelectronics AN2787 Datasheet HTML 18Page - STMicroelectronics AN2787 Datasheet HTML 19Page - STMicroelectronics AN2787 Datasheet HTML 20Page - STMicroelectronics AN2787 Datasheet HTML 21Page - STMicroelectronics AN2787 Datasheet HTML 22Page - STMicroelectronics AN2787 Datasheet HTML 23Page - STMicroelectronics AN2787 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Getting started
AN2787
20/37
9
Getting started
The following step-by-step power-up and power-down sequences are provided in order to
correctly evaluate the PM6641 demonstration board performance.
Power-up sequence
●
Connect power supplies as shown in the PM6641 demonstration board test setup
(Figure 16) and insert the meters in order to perform the desired performance
evaluation. Connect the scope-probes as desired
●
Set the JP1 through JP8 jumpers in order to properly configure the PM6641
demonstration board. Set the SW1 switches (EN_1S8, EN_VTT, EN_1S5, EN_1S05)
to the ON position. Do not change jumper settings when the board is powered
●
Set the VCC supply to 5 V ±5% and the current limit to 100 mA
●
Set the VIN supply to a voltage in the range 2.7 V to 3.6 V
●
Set all active loads to 0 A
●
Turn-on the VIN supply
●
Turn-on the VCC supply
●
Vary the 1.8 V (VDDQ) load from 0 A to 4 A
●
Vary the 1.5 V load from 0A to 2.5 A
●
Vary the 1.05 V load from 0A to 3.5 A
●
Vary the 0.9 V (VTT) load from 0 A to 2 A to test source capability. To test sink
capability use the alternative VTT load connection shown in Figure 16
●
Vary VTTREF load to test source capabilty.
Power-down sequence
●
Decrease VTTREF and VTT loads to 0 A
●
Turn-off the 1.8 V (VDDQ), 1.5 V, 1.05 V loads
●
Decrease VCC supply from 5 V to 3.8 V in order to test the input undervoltage lockout
(UVLO)
●
Increase VCC supply from 3.8 V to 5 V to restart the device
●
Use the EN_1S8 and En_VTT switches to enter/exit the S0-S3-S5 states
●
Turn-off the VCC supply
●
Turn-off the VIN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com