Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2795 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2795 Datasheet HTML 2Page - STMicroelectronics AN2795 Datasheet HTML 3Page - STMicroelectronics AN2795 Datasheet HTML 4Page - STMicroelectronics AN2795 Datasheet HTML 5Page - STMicroelectronics AN2795 Datasheet HTML 6Page - STMicroelectronics AN2795 Datasheet HTML 7Page - STMicroelectronics AN2795 Datasheet HTML 8Page - STMicroelectronics AN2795 Datasheet HTML 9Page - STMicroelectronics AN2795 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Bulb load tests
AN2795
6/28
DocID14836 Rev 2
1.4
Bulb, 24 V, 4 channels
Figure 5. Switching waveform (bulb, 24 V, 4 channels)(1)
1.
CH1: supply current, CH2: channel voltage, CH3: channel current, CH4: supply voltage.
Table 4. Test data (bulb, 24 V, 4 channels) (VCC = 24 V; load - 4 bulbs; T = 25 °C)
Time [min]
Utot [V]
Itot [A]
Uch [V]
Ich [A]
Tcase [°C]
5
23.6
2.301
23.2
0.600
46.5
15
23.6
2.306
23.2
0.599
48.8
30
23.6
2.307
23.2
0.599
50.8
60
23.6
2.306
23.2
0.599
51.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com