Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2795 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2795 Datasheet HTML 20Page - STMicroelectronics AN2795 Datasheet HTML 21Page - STMicroelectronics AN2795 Datasheet HTML 22Page - STMicroelectronics AN2795 Datasheet HTML 23Page - STMicroelectronics AN2795 Datasheet HTML 24Page - STMicroelectronics AN2795 Datasheet HTML 25Page - STMicroelectronics AN2795 Datasheet HTML 26Page - STMicroelectronics AN2795 Datasheet HTML 27Page - STMicroelectronics AN2795 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Short-circuit tests
AN2795
24/28
DocID14836 Rev 2
3.4
Short-circuit, 24 V, 4 channels
Figure 23. Switching waveform (short-circuit, 24 V, 4 channels)(1)
1.
CH1: supply current, CH2: channel voltage, CH3: channel current, CH4: supply voltage.
Table 16. Test data (short-circuit, 24 V, 4 channels) (VCC = 24 V; load - 4 short-circuits;
T = 25 °C)
Time [min]
Utot [V]
Itot [A]
Uch [V]
Ich [A]
Tcase [°C]
5
23.3
2.512
0.0
0.627
102.3
15
23.3
2.511
0.0
0.626
102.4
30
23.3
2.513
0.0
0.627
102.5
60
23.3
2.514
0.0
0.627
102.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com