Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2795 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2795 Datasheet HTML 1Page - STMicroelectronics AN2795 Datasheet HTML 2Page - STMicroelectronics AN2795 Datasheet HTML 3Page - STMicroelectronics AN2795 Datasheet HTML 4Page - STMicroelectronics AN2795 Datasheet HTML 5Page - STMicroelectronics AN2795 Datasheet HTML 6Page - STMicroelectronics AN2795 Datasheet HTML 7Page - STMicroelectronics AN2795 Datasheet HTML 8Page - STMicroelectronics AN2795 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
March 2013
DocID14836 Rev 2
1/28
AN2795
Application note
VNI4140K load test report
Introduction
The tests described in this application note were carried out to check the VNI4140K
parameters and driving capabilities of different types of problematic loads such as bulb and
inductor.
The VNI4140K device is a quad high-side smart power state relay intended for driving four
independent resistive or inductive loads with built-in current limitation and thermal
shutdown.
Figure 1 shows the test configuration. The STEVAL-IFP006V1, based on the VNI4140K,
was chosen for the measurements. The parameters of the test were set as follows:
Power supply:
1. 10.5 V; 2. 24 V; 3. 36 V
Generator:
freq. = 1 Hz, duty cycle = 50%
Load:
1. bulb 24 V/15 W; 2. inductor 130 mH/48
Ω; 3. short-circuit.
Figure 1.Test block diagram
www.st.com


Similar Part No. - AN2795

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN279 SILABS-AN279 Datasheet
346Kb / 8P
ESTIMATING PERIOD JITTER FROM PHASE NOISE
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
output to output short-circuit
24-Sep-2012
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
This document describes a detailed analysis on the current regulated channels
17-Sep-2013
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
STM8A easy programmer
03-Nov-2008
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
This application note provides design guidelines
13-Jan-2012
More results

Similar Description - AN2795

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
COMPREHENSIVE TEST REPORT
logo
Kingtronics Internation...
TRIMMING-POTENTIOMETER KINGTRONICS-TRIMMING-POTENTIOMETER Datasheet
378Kb / 3P
SGS Test Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
Qualification Test Report
logo
International Rectifier
GSELDIRUH33PA13B20K IRF-GSELDIRUH33PA13B20K Datasheet
125Kb / 20P
ELDRS Test Report
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
Low Dose Test Report
IRUH33P253B1M IRF-IRUH33P253B1M Datasheet
733Kb / 23P
Neutron Test Report
IRUH33PA13B20K IRF-IRUH33PA13B20K Datasheet
1Mb / 21P
Neutron Test Report
IRUH3301 IRF-IRUH3301 Datasheet
301Kb / 18P
Neutron Test Report
RDHA710SE10A2F IRF-RDHA710SE10A2F Datasheet
1Mb / 19P
Neutron Test Report
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
Neutron Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com