Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2994 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 6Page - STMicroelectronics AN2994 Datasheet HTML 7Page - STMicroelectronics AN2994 Datasheet HTML 8Page - STMicroelectronics AN2994 Datasheet HTML 9Page - STMicroelectronics AN2994 Datasheet HTML 10Page - STMicroelectronics AN2994 Datasheet HTML 11Page - STMicroelectronics AN2994 Datasheet HTML 12Page - STMicroelectronics AN2994 Datasheet HTML 13Page - STMicroelectronics AN2994 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Test results and significant waveforms
AN2994
10/38
Doc ID 15796 Rev 2
The power factor (PF) and the total harmonic distortion (THD) have also been measured
and the results are reported in Figure 13 and Figure 14. As shown, the PF at full load and
half load remains close to unity throughout the input voltage mains range, while when the
circuit is delivering 70 W it decreases at a high mains range. THD is low, remaining within
20% at the maximum input voltage.
The converter’s efficiency reported in Figure 15 is very good at all load and line conditions.
At full load, it is always significantly higher than 90%, making this design suitable for high-
efficiency power supplies.
The measured output voltage variation at different line and load conditions is reported in
Figure 16. As shown, thanks to the voltage feed-forward function embedded in the L6563S,
the voltage is perfectly stable over the entire input voltage range. At 265 Vac and light load,
there is a negligible deviation of 1 V due to the intervention of the burst mode function.
Figure 11.
EVL6563S-400W input current
waveform at 100 V, 60 Hz, 70 W load
Figure 12.
EVL6563S-400W input current
waveform at 230 V, 50 Hz, 70 W load
CH1: Rectified mains voltage
CH1: Rectified mains voltage
CH4: Input current
CH4: Input current
Figure 13.
Power factor vs. Vin and load
Figure 14.
THD vs. Vin and load
0.75
0. 8
0.85
0. 9
0.95
1
90
100
115
130
180
230
265
Vin [ Vrms]
PF
400W
200W
70W
0
5
10
15
20
25
90
100
115
130
180
230
265
Vin [Vrms ]
THD[% ]
400W
200W
70W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com