Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2994 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 26Page - STMicroelectronics AN2994 Datasheet HTML 27Page - STMicroelectronics AN2994 Datasheet HTML 28Page - STMicroelectronics AN2994 Datasheet HTML 29Page - STMicroelectronics AN2994 Datasheet HTML 30Page - STMicroelectronics AN2994 Datasheet HTML 31Page - STMicroelectronics AN2994 Datasheet HTML 32Page - STMicroelectronics AN2994 Datasheet HTML 33Page - STMicroelectronics AN2994 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Conducted emissions pre-compliance tests peak detection
AN2994
30/38
Doc ID 15796 Rev 2
6
Conducted emissions pre-compliance tests peak
detection
The following figures show the peak measurement of the conducted noise at full load and
nominal mains voltages. The limits shown on the diagrams are relevant to the EN55022
Class-B, the most popular norm for domestic equipment using a two-wire mains connection.
As shown, a good margin of the measures with respect to the limits is achieved in all test
conditions.
Figure 40.
115 Vac and full load - phase
Figure 41.
115 Vac and full load - neutral
Figure 42.
230 Vac and full load - phase
Figure 43.
230 Vac and full load - neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com