Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2994 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 25Page - STMicroelectronics AN2994 Datasheet HTML 26Page - STMicroelectronics AN2994 Datasheet HTML 27Page - STMicroelectronics AN2994 Datasheet HTML 28Page - STMicroelectronics AN2994 Datasheet HTML 29Page - STMicroelectronics AN2994 Datasheet HTML 30Page - STMicroelectronics AN2994 Datasheet HTML 31Page - STMicroelectronics AN2994 Datasheet HTML 32Page - STMicroelectronics AN2994 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AN2994
Thermal measures
Doc ID 15796 Rev 2
29/38
5
Thermal measures
To verify the reliability of the design, a thermal mapping by means of an IR camera has been
done. Figure 38 and Figure 39 show the thermal measurements on the board component
side at nominal input voltages and full load. Pointers (visible on the images) placed across
the key components show the relevant temperature. Table 1 provides the correlation
between the measured points and the components, for both thermal maps. The ambient
temperature during both measurements was 27°C. According to the results obtained, all the
board components are operating within their temperature limits.
Figure 38.
Thermal map at 115 Vac, 60 Hz - full load
Figure 39.
Thermal map at 230 Vac, 50 Hz - full load
Table 1.
Measured temperature at 115 Vac and 230 Vac - full load
Point
Component
Temperature at 115 Vac
Temperature at 230 Vac
A
D2
57.3 °C
42.3 °C
B
Q2
62.2 °C
48.6 °C
C
Q1
62.4 °C
48.3 °C
D
D3
60.2 °C
47.8 °C
E
C7
38.2 °C
35.4 °C
F
L1
53.4 °C
37.2 °C
G
L3
55.1 °C
40.1 °C
H
L4 – CORE
61.8 °C
49.3 °C
I
L4 – WINDING
68.7 °C
52.8 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com