Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3008 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3008
Description  This application note describes how to use the STOD2540 DC-DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3008 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3008 Datasheet HTML 3Page - STMicroelectronics AN3008 Datasheet HTML 4Page - STMicroelectronics AN3008 Datasheet HTML 5Page - STMicroelectronics AN3008 Datasheet HTML 6Page - STMicroelectronics AN3008 Datasheet HTML 7Page - STMicroelectronics AN3008 Datasheet HTML 8Page - STMicroelectronics AN3008 Datasheet HTML 9Page - STMicroelectronics AN3008 Datasheet HTML 10Page - STMicroelectronics AN3008 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN3008
Test results
Doc ID 16021 Rev 2
7/14
2
Test results
2.1
Start-up
Figure 4
and Figure 5 show the output voltage and inductor current waveforms of the
evaluation module in the following conditions.
●
VIN = 3.7 V
●
VOUT = 73 V
●
ILOAD = 5 mA
2.2
Output voltage ripple
The traces in Figure 6 and Figure 7 show the output voltage ripple on a 70 V output with
different input voltages and ILOAD equal to 10 mA.
Figure 4.
Start-up/VOUT
Figure 5.
Start-up/inductor current
Figure 6.
70 V output voltage ripple vs. VIN
Figure 7.
70 V output voltage ripple vs. ILOAD
VIN = 5 V
V
IN = 4.2 V
V
IN = 3.7 V
VIN = 3.2 V
VIN = 5 V
V
IN = 4.2 V
V
IN = 3.7 V
VIN = 3.2 V
NO LOAD
5 mA
10 mA
NO LOAD
5 mA
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com