Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3008 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3008
Description  This application note describes how to use the STOD2540 DC-DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3008 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3008 Datasheet HTML 1Page - STMicroelectronics AN3008 Datasheet HTML 2Page - STMicroelectronics AN3008 Datasheet HTML 3Page - STMicroelectronics AN3008 Datasheet HTML 4Page - STMicroelectronics AN3008 Datasheet HTML 5Page - STMicroelectronics AN3008 Datasheet HTML 6Page - STMicroelectronics AN3008 Datasheet HTML 7Page - STMicroelectronics AN3008 Datasheet HTML 8Page - STMicroelectronics AN3008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN3008
High voltage power supply based on STOD2540
Doc ID 16021 Rev 2
3/14
1
High voltage power supply based on STOD2540
1.1
STOD2540 function description
The STOD2540 uses a PFM control scheme to reach high efficiency in low load conditions.
The DC-DC has a current mode control scheme that uses a minimum OFF time and a
maximum ON time.
The converter monitors the output voltage through the resistor dividers R1 and R2 by
comparing the feedback voltage with the internal reference voltage of 1.24 V.
The integrated main power switch is turned on as soon as the feedback voltage falls below
the internal reference. The switch stays on until the inductor current reaches the peak
current limit or for a maximum ON time equal to 5.5 µsec. The peak current limit value is
adjustable through an external resistor connected between the RSET pin and GND. The
main switch stays off for at least a minimum OFF time (300 ns typical) and remains in the off
state for as long as the feedback voltage remains above the internal reference voltage.
During the ON time, the load current is only supplied by the charge stored in the output
capacitor until the feedback voltage drops below the reference voltage again.
PFM regulation is particularly useful when output currents are low and the part is prevalently
in the OFF state.
1.2
Load disconnect
When the device is in shutdown mode, a DC current path exists between the power source
and the load. A high-side switch LDS isolates the load from the source when the device is
disabled.
1.3
Output adjust
Choose the R4 value in the range of 10 to 200 k
Ω. The value of R3 can be calculated from
the following equation.
Equation 1
Where
RU is the upper resistor of the voltage divider.
RL is the lower resistor of the voltage divider.
1% tolerance resistors should be chosen for a more accurate VOUT.
The STOD2540 shows a pulses burst behavior that causes a high output voltage ripple. To
decrease the output ripple it is possible to insert a capacitor across the upper feedback
resistor. The following formula can be used to obtain a first estimation of the value of the
capacitor.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
V
V
R
R
FB
OUT
L
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com