Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3008 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3008
Description  This application note describes how to use the STOD2540 DC-DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3008 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3008 Datasheet HTML 1Page - STMicroelectronics AN3008 Datasheet HTML 2Page - STMicroelectronics AN3008 Datasheet HTML 3Page - STMicroelectronics AN3008 Datasheet HTML 4Page - STMicroelectronics AN3008 Datasheet HTML 5Page - STMicroelectronics AN3008 Datasheet HTML 6Page - STMicroelectronics AN3008 Datasheet HTML 7Page - STMicroelectronics AN3008 Datasheet HTML 8Page - STMicroelectronics AN3008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High voltage power supply based on STOD2540
AN3008
4/14
Doc ID 16021 Rev 2
Equation 2
Where
RU is the upper resistor of the voltage divider.
FSW is the switching frequency.
The following equation gives the switching frequency at the nominal load current.
Equation 3
The CF capacitor increases the amplitude of the voltage ripple on the FB pin, causing a
deterioration of the line regulation; therefore, the value of CF should be as small as possible.
1.4
Inductor selection
Since the hysteretic control scheme is inherently stable, the inductor value does not affect
the stability of the regulator. Using the PFM peak current control scheme, the converter
operates in discontinuous conduction mode (DCM).
The inductance value must be calculated so as to ensure that the inductor current reaches
the current limit before the maximum ON time expires. The following equation can be used
to calculate the maximum value of the inductance.
Equation 4
Where IPK is the controlled inductor peak current.
In this case the maximum value of the load current is given by Equation 5.
Equation 5
1.5
COUT selection
The output voltage ripple very much depends on the application conditions. The output
capacitor has a significant effect on the output voltage ripple magnitude because it supplies
the load current through the charge stored during the ON state.
The output voltage ripple consists of two parts: the first is caused by the ESR, the second by
the charging and discharging process of the output capacitor.
U
SW
R
20
F
2
1
CF
×
×
π
×
=
2
PK
IN
OUT
LOAD
LOAD
SW
I
L
)
V
V
(
I
2
)
I
(
F
×
−
×
×
=
MAX
_
ON
PK
MIN
_
IN
T
I
V
L
×
≤
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
×
−
+
×
×
=
MIN
IN
PK
IN
OUT
2
PK
MAX
_
LOAD
toff
V
L
I
)
V
Vd
V
(
2
L
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com