Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3009 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 3Page - STMicroelectronics AN3009 Datasheet HTML 4Page - STMicroelectronics AN3009 Datasheet HTML 5Page - STMicroelectronics AN3009 Datasheet HTML 6Page - STMicroelectronics AN3009 Datasheet HTML 7Page - STMicroelectronics AN3009 Datasheet HTML 8Page - STMicroelectronics AN3009 Datasheet HTML 9Page - STMicroelectronics AN3009 Datasheet HTML 10Page - STMicroelectronics AN3009 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AN3009
Operating the transition mode PFC (boost topology)
Doc ID 16032 Rev 4
7/36
The resulting inductor current and the timing intervals of the MOSFET are shown in
Figure 3, where it can be observed that, by geometric relationships, the average input
current (the one drawn from the mains) is just one half of the peak inductor current
waveform.
Figure 3.
Inductor current waveform and MOSFET timing
The system operates not exactly on, but very close to, the boundary between continuous
and discontinuous current mode and that is why this system is called a transition mode PFC.
Besides the simplicity and the few external parts required, this system minimizes the
inductor’s size due to the low inductance value needed. On the other hand, the high current
ripple on the inductor involves high RMS current and high noise on the rectified mains bus,
which needs a heavier EMI filter to be rejected. These drawbacks limit the use of the TM
PFC to lower power range applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com