Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3009 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3009 Datasheet HTML 1Page - STMicroelectronics AN3009 Datasheet HTML 2Page - STMicroelectronics AN3009 Datasheet HTML 3Page - STMicroelectronics AN3009 Datasheet HTML 4Page - STMicroelectronics AN3009 Datasheet HTML 5Page - STMicroelectronics AN3009 Datasheet HTML 6Page - STMicroelectronics AN3009 Datasheet HTML 7Page - STMicroelectronics AN3009 Datasheet HTML 8Page - STMicroelectronics AN3009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Introduction to the power factor correction (PFC)
AN3009
4/36
Doc ID 16032 Rev 4
1
Introduction to the power factor correction (PFC)
The front-end stage of conventional offline converters, typically consisting of a full-wave
rectifier bridge with a capacitor filter, has an unregulated DC bus from the AC mains. The
filter capacitor must be large enough to have a relatively low ripple superimposed on the DC
level. This means that the instantaneous line voltage is below the voltage on the capacitor
most of the time, thus the rectifiers conduct only for a small portion of each line’s half-cycle.
The current drawn from the mains then becomes a series of narrow pulses whose amplitude
is five to ten times higher than the resulting DC value. Many drawbacks result, such as a
much higher peak and RMS current down from the line, distortion of the AC line voltage,
overcurrents in the neutral line of the three-phase systems and, consequently, poor
utilization of the power system's energy capability. This can be measured in terms of either
total harmonic distortion (THD), as norms provide for, or power factor (PF), intended as the
ratio between the real power (the one transferred to the output) and the apparent power
(RMS line voltage times RMS line current) drawn from the mains, which is more immediate.
A traditional input stage with capacitive filter has a low PF (0.5-0.7) and a high THD
(>100%).
By using switching techniques, a power factor correction (PFC) pre-regulator, located
between the rectifier bridge and the filter capacitor, allows drawing a quasi-sinusoidal
current from the mains, in phase with the line voltage. The power factor becomes very close
to 1 (more than 0.99 is possible) and the previously mentioned drawbacks are eliminated.
Theoretically, any switching topology can be used to achieve a high power factor but, in
practice, the boost topology has become the most popular thanks to the advantages it
offers.
●
Primarily because the circuit requires the fewest external parts (low-cost solution).
●
The boost inductor located between the bridge and the switch causes the input di/dt to
be low, thus minimizing the noise generated at the input and, therefore, the
requirements on the input EMI filter.
●
The switch is source-grounded, therefore easy to drive.
However, a boost topology requires the DC output voltage to be higher than the maximum
expected line peak voltage (400 VDC is a typical value for 230 V or wide-range mains
applications). In addition, there is no isolation between the input and output, thus any line
voltage surge is passed on to the output. Two methods of controlling a PFC pre-regulator
are currently widely used: the fixed-frequency average current mode pulse-width modulation
(FF PWM) and the transition mode pulse-width modulation (TM PWM), the latter having a
fixed ON time and variable frequency. The first method needs a complex control that
requires a sophisticated controller IC (ST's L4981A, with the variant of the frequency
modulation offered by the L4981B) and a considerable component count. The second
method requires a simpler control (implemented by ST's L6564), fewer external parts and is
therefore much more economical. With the first method, the boost inductor works in
continuous conduction mode, while the transition mode makes the inductor work on the
boundary between continuous and discontinuous mode by definition. For a given throughput
power, transition mode operation involves higher peak currents. This, also consistently with
cost considerations, suggests its use in a lower power range (typically up to 250 W), while
the former is recommended for higher power levels. To conclude, FF PWM is not the only
alternative when continuous current mode (CCM) operation is desired. FF PWM modulates
both switch ON and OFF times (their sum is constant by definition), and a given converter
operates in either CCM or DCM (discontinuous current mode), depending on the input
voltage and the load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com