Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3172 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 18Page - STMicroelectronics AN3172 Datasheet HTML 19Page - STMicroelectronics AN3172 Datasheet HTML 20Page - STMicroelectronics AN3172 Datasheet HTML 21Page - STMicroelectronics AN3172 Datasheet HTML 22Page - STMicroelectronics AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics AN3172 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
BOM list
AN3172
22/31
Doc ID 17230 Rev 1
C4
470 nF
9.0 × 18.0 p.15 mm X2 - MKP film cap - B32922C3474K
EPCOS
C40
100 nF
1206
50 V cercap - general purpose
AVX
C43
4n7F
1206
50 V cercap - general purpose
AVX
C44
10 nF
1206
50 V cercap - general purpose
AVX
C45
220 nF
0805
25 V cercap - general purpose
AVX
C46
N.M.
0805
Not mounted
C5
470 nF
7.0 x 16.0 p. 22.5
400 V - film cap - B32673Z5474
EPCOS
C6
4N7
0805
50 V cercap - general purpose
AVX
C7
100 nF
PTH
100 V cercap - general purpose
AVX
C8
10 uF
DIA6.3X11 (mm)
Aluminium elcap - YXF series - 105 °C
RUBYCON
C9
68 uF
Dia. 18X32 mm
450 V aluminium elcap - KXG series - 105 °C
United chemicon
D1
GBU8J
STYLE GBU
Single-phase bridge rectifier
VISHAY
D10
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D11
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D12
N.M.
Minimelf SOD-80
Not mounted
VISHAY
D13
N.M.
Minimelf SOD-80
Not mounted
VISHAY
D14
N.M.
Minimelf SOD-80
Not mounted
D15
BZV55-C15
Minimelf SOD-80
Zener diode
VISHAY
D16
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D17
N.M.
Minimelf SOD-80
Not mounted
D18
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D19
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D2
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D20
BZV55-C15
Minimelf SOD-80
Zener diode
VISHAY
D21
BZV55-C15
Minimelf SOD-80
Zener diode
VISHAY
D22
LL4148
Minimelf SOD-80
Fast switching diode
VISHAY
D23
STPS30H60CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
D24
STPS30H60CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
D3
1N4005
DO-41
General purpose rectifier
VISHAY
D4
STTH2L06
DO-41
Ultrafast high voltage rectifier
STMicroelectronics
D5
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D6
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D7
LL4148
Minimelf SOD-80
High speed signal diode
VISHAY
D8
BZV55-B27
Minimelf SOD-80
Zener diode
VISHAY
Table 4.
EVL6599A-90WADP demonstration board: BOM list (continued)
Des.
Part type/
Part value
Case style
/Package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com