Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3172 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics AN3172 Datasheet HTML 26Page - STMicroelectronics AN3172 Datasheet HTML 27Page - STMicroelectronics AN3172 Datasheet HTML 28Page - STMicroelectronics AN3172 Datasheet HTML 29Page - STMicroelectronics AN3172 Datasheet HTML 30Page - STMicroelectronics AN3172 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Transformer specifications
AN3172
28/31
Doc ID 17230 Rev 1
9
Transformer specifications
General description and characteristics:
●
Application type: consumer, home appliances
●
Transformer type: open
●
Coil Former: horizontal type, 7+7 pins, two slots
●
Max. temp. rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: Acc. with EN60065
Electrical characteristics:
●
Converter topology: half-bridge, resonant
●
Core type: ETD34-PC44 or equivalent
●
Min. operating frequency: 60 kHz
●
Typical operating frequency: 100 kHz
●
Primary inductance: 1200 µH±8 % at 1 kHz-0.25 V (a)
●
Leakage inductance: 200 µH at 100 kHz-0.25 V (b)
Electrical diagram and winding characteristics:
Figure 22.
Transformer electrical diagram
a.
Measured between pins 2-4
b.
Measured between pins 2-4 with only one secondary winding shorted
Table 6.
Transformer winding data
Pins
Winding
DC resistance
Number of turns
Wire type
2-4
Primary
235 m
Ω
50
30x
φ 0.1 mm – G1
13-12
SEC - A(1)
1.
Secondary windings A and B are in parallel
9 m
Ω
5
90x
φ 0.1 mm – G1
10-9
SEC – B (1)
9 m
Ω
5
90x
φ 0.1 mm – G1
5-6
AUX (2)
2.
Aux winding is wound on top of primary winding
94 m
Ω
4
φ 0.28 mm – G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com