Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3172 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3172 Datasheet HTML 1Page - STMicroelectronics AN3172 Datasheet HTML 2Page - STMicroelectronics AN3172 Datasheet HTML 3Page - STMicroelectronics AN3172 Datasheet HTML 4Page - STMicroelectronics AN3172 Datasheet HTML 5Page - STMicroelectronics AN3172 Datasheet HTML 6Page - STMicroelectronics AN3172 Datasheet HTML 7Page - STMicroelectronics AN3172 Datasheet HTML 8Page - STMicroelectronics AN3172 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
AN3172
List of figures
Doc ID 17230 Rev 1
3/31
List of figures
Figure 1.
EVL6599A-90WADP: 90 W adapter demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Efficiency vs. output power diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
Light-load efficiency diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Compliance to EN61000-3-2 at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Compliance to JEITA-MITI at 100 Vac - 50 Hz, full load. . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Resonant stage waveforms at 115 V - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Resonant stage waveforms at 230 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Rectifier waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Startup waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
No-load operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 12.
No-load operation - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
Transition full load to no-load at 265 Vac - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 14.
Transition no-load to full load at 265 Vac - 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
Short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 16.
Thermal map at 115 Vac - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
Thermal map at 230 Vac - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 18.
CE Peak measurement at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
CE peak measurement at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 21.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 22.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 23.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com