Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3182 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3182 Datasheet HTML 1Page - STMicroelectronics AN3182 Datasheet HTML 2Page - STMicroelectronics AN3182 Datasheet HTML 3Page - STMicroelectronics AN3182 Datasheet HTML 4Page - STMicroelectronics AN3182 Datasheet HTML 5Page - STMicroelectronics AN3182 Datasheet HTML 6Page - STMicroelectronics AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2010
Doc ID 17289 Rev 1
1/18
AN3182
Application note
Tilt measurement using a low-g 3-axis accelerometer
Introduction
This application note describes the methods and techniques for measuring tilt angles from a
low-g 3-axis accelerometer. The LIS331DLH 3-axis digital accelerometer is used as an
example in this document. Other 3-axis analog or digital accelerometers may also be
applied to the tilt angle measurement procedures described here, depending on their
respective specifications.
The ultra-low power LIS331DLH digital accelerometer is housed in a 3 x 3 x 1 mm LGA-16
package. It has an I2C / SPI digital serial interface for 3-axis acceleration outputs, so no
external ADC chip is required. It also features a dynamically user-selectable full-scale
measurement range of ±2 g / ±4 g / ±8 g, with output data rates from 0.5 Hz to 1 kHz.
Section 1 of this application note introduces the terminology and parameters related to the
accelerometer, while Section 2 presents the accelerometer calibration techniques. Section 3
describes the tilt sensing theory and the methods of determining tilt angle measurement.
www.st.com


Similar Part No. - AN3182

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3180 STMICROELECTRONICS-AN3180 Datasheet
1Mb / 39P
A 200 W ripple-free input current
14-Sep-2010
AN3181 STMICROELECTRONICS-AN3181 Datasheet
433Kb / 31P
Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
29-Nov-2012
More results

Similar Description - AN3182

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com