Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3182 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics AN3182 Datasheet HTML 10Page - STMicroelectronics AN3182 Datasheet HTML 11Page - STMicroelectronics AN3182 Datasheet HTML 12Page - STMicroelectronics AN3182 Datasheet HTML 13Page - STMicroelectronics AN3182 Datasheet HTML 14Page - STMicroelectronics AN3182 Datasheet HTML 15Page - STMicroelectronics AN3182 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Calculating tilt angles
AN3182
12/18
Doc ID 17289 Rev 1
3.2.2
Dual-axis tilt sensing
When a dual-axis tilt sensing approach is used, the user should be aware of two different
situations in which this approach could limit overall accuracy or even inhibit tilt calculation.
●
Figure 7
, Example A: Rotate the accelerometer counter-clockwise around the dotted
arrow with
β angle. When β is less than 45°, the X axis has higher sensitivity, while the
Y axis has lower sensitivity. And when
β is greater than 45°, the X axis has lower
sensitivity while the Y axis has higher sensitivity. Therefore, when the two-axis
approach is used, it is always recommended to calculate the angle based on the
orthogonal axis to a ±1 g condition.
●
Figure 7
, Example B: At this position, both the X and Y axes have high sensitivity.
However, without the help of a third axis (for example the Z axis), it is impossible to
distinguish a tilt angle of 30° from one of 150° because the X axis has the same outputs
at these two tilt angles.
Figure 7.
Tilt sensitivity of a dual-axis accelerometer
3.2.3
Tri-axis tilt sensing
With a 3-axis accelerometer, the user can use the Z axis to combine with the X and Y axes
for tilt sensing, to improve tilt sensitivity and accuracy (see Figure 8).
There are two ways to calculate 3 tilt angles in Figure 8. The first is use basic trigonometric
Equation 5
, 6 and 7, where Ax1, Ay1 and Az1 are the values obtained after applying
accelerometer calibration on raw measurement data (Ax, Ay, Az), as described in Section 2.
Equation 5
60
0.866
8.594
75
0.966
4.37
90
1.000
0.152
Table 3.
Tilt sensitivity of single axis accelerometer (continued)
Tilt [°]
Acceleration [g]
Δg /° [mg/°]
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
α
g
A
arcsin
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com