Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3182 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics AN3182 Datasheet HTML 10Page - STMicroelectronics AN3182 Datasheet HTML 11Page - STMicroelectronics AN3182 Datasheet HTML 12Page - STMicroelectronics AN3182 Datasheet HTML 13Page - STMicroelectronics AN3182 Datasheet HTML 14Page - STMicroelectronics AN3182 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN3182
Calculating tilt angles
Doc ID 17289 Rev 1
11/18
Figure 5.
360° rotation of a single axis of the accelerometer
Figure 6.
Plot of 360° rotation of a single axis of the accelerometer
3.2
Tilt sensing
3.2.1
Single-axis tilt sensing
From Figure 5 and 6, it can be observed that the sensor is most responsive to changes in tilt
angle when the sensing axis is perpendicular to the force of gravity. In this case, the
sensitivity is approximately 17.45 mg/° [= sin(1°) - sin(0°)]. Due to the derivate function of
the sin function, the sensor has lower sensitivity (less responsive to tilt angle changes) when
the sensing axis is close to its +1 g or -1 g position. In this case, sensitivity is only 0.15 mg/°
[= sin(90°) - sin(89°)]. Table 3 shows the sensitivity at different tilt angles. In other words, the
sin function has good linearity at [0° 45°], [135° 225°] and [315° 36°] as shown in Figure 6.
Table 3.
Tilt sensitivity of single axis accelerometer
Tilt [°]
Acceleration [g]
Δg /° [mg/°]
0
0.000
17.452
15
0.259
16.818
30
0.500
15.038
45
0.707
12.233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com